Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD14060L Datasheet(PDF) 13 Page - Analog Devices

Part # AD14060L
Description  DSP Multiprocessor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14060L Datasheet(HTML) 13 Page - Analog Devices

Back Button AD14060L Datasheet HTML 9Page - Analog Devices AD14060L Datasheet HTML 10Page - Analog Devices AD14060L Datasheet HTML 11Page - Analog Devices AD14060L Datasheet HTML 12Page - Analog Devices AD14060L Datasheet HTML 13Page - Analog Devices AD14060L Datasheet HTML 14Page - Analog Devices AD14060L Datasheet HTML 15Page - Analog Devices AD14060L Datasheet HTML 16Page - Analog Devices AD14060L Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AD14060/AD14060L
Rev. B | Page 13 of 48
MULTIPROCESSOR BUS REQUEST AND HOST BUS REQUEST
Use these specifications for passing of the bus mastership among multiprocessing ADSP-2106xs (BRx) or a host processor (HBR, HBG).
Table 12. Specifications
5 V
3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements:
tHBGRCSV
HBG Low to RD/WR/CS Valid1
19.5 + 5 DT/4
19.5 + 5 DT/4
ns
tSHBRI
HBR Setup before CLKIN2
20 + 3 DT/4
20 + 3 DT/4
ns
tHHBRI
HBR Hold before CLKIN2
13.5 + 3 DT/4
13.5 + 3 DT/4
ns
tSHBGI
HBG Setup before CLKIN
13 + DT/2
13 + DT/2
ns
tHHBGI
HBG Hold before CLKIN High
5.5 + DT/2
5.5 + DT/2
ns
tSBRI
BRx, CPA Setup before CLKIN3
13 + DT/2
13 + DT/2
ns
tHBRI
BRx, CPA Hold before CLKIN High
5.5 + DT/2
5.5 + DT/2
ns
tSRPBAI
RPBA Setup before CLKIN
21 + 3 DT/4
21 + 3 DT/4
ns
tHRPBAI
RPBA Hold before CLKIN
11.5 + 3 DT/4
11.5 + 3 DT/4
ns
Switching Characteristics:
tDHBGO
HBG Delay after CLKIN
8 − DT/8
8 − DT/8
ns
tHHBGO
HBG Hold after CLKIN
−2 − DT/8
−2 − DT/8
ns
tDBRO
BRx Delay after CLKIN
8 − DT/8
8 − DT/8
ns
tHBRO
BRx Hold after CLKIN
−2 − DT/8
−2 − DT/8
ns
tDCPAO
CPA Low Delay after CLKIN
9 − DT/8
9.5 − DT/8
ns
tTRCPA
CPA Disable after CLKIN
–2 − DT/8
+5.5 − DT/8
−2 − DT/8
+5.5 − DT/8
ns
tDRDYCS
REDY (O/D) or (A/D) Low from CS and HBR Low4
9.5
12
ns
tTRDYHG
REDY (O/D) Disable or REDY (A/D) High from HBG4
40 + 27 DT/16
40 + 27 DT/16
ns
tARDYTR
REDY (A/D) Disable from CS or HBR High4
11
11
ns
1 For first asynchronous access after HBR and CS asserted, ADDR31–0 must be a non-MMS value 1/2 tCK before RD or WR goes low, or by tHBGRCSV after HBG goes low. This is
easily accomplished by driving an upper address signal high when HBG is asserted.
2 Required only for recognition in the current cycle.
3 CPA assertion must meet the setup to CLKIN; de-assertion does not need to meet the setup to CLKIN.
4 (O/D) = open drain; (A/D) = active drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com