Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD14060L Datasheet(PDF) 17 Page - Analog Devices

Part # AD14060L
Description  DSP Multiprocessor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14060L Datasheet(HTML) 17 Page - Analog Devices

Back Button AD14060L Datasheet HTML 13Page - Analog Devices AD14060L Datasheet HTML 14Page - Analog Devices AD14060L Datasheet HTML 15Page - Analog Devices AD14060L Datasheet HTML 16Page - Analog Devices AD14060L Datasheet HTML 17Page - Analog Devices AD14060L Datasheet HTML 18Page - Analog Devices AD14060L Datasheet HTML 19Page - Analog Devices AD14060L Datasheet HTML 20Page - Analog Devices AD14060L Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
AD14060/AD14060L
Rev. B | Page 17 of 48
THREE-STATE TIMING—BUS MASTER, BUS SLAVE, HBR, SBTS
These specifications show how the memory interface is disabled (stops driving) or enabled (resumes driving) relative to CLKIN and the
SBTS pin. This timing is applicable to bus master transition cycles (BTC) and host transition cycles (HTC) as well as the SBTS pin.
Table 14. Specifications
5 V
3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements:
tSTSCK
SBTS Setup before CLKIN
12.5 + DT/2
12.5 + DT/2
ns
tHTSCK
SBTS Hold before CLKIN
5.5 + DT/2
5.5 + DT/2
ns
Switching Characteristics:
tMIENA
Address/Select Enable after CLKIN
−1.5 − DT/8
−1.25 − DT/8
ns
tMIENS
Strobes Enable after CLKIN1
−1.5 − DT/8
−1.5 − DT/8
ns
tMIENHG
HBG Enable after CLKIN
−1.5 − DT/8
−1.5 − DT/8
ns
tMITRA
Address/Select Disable after CLKIN
1 − DT/4
1.25 − DT/4
ns
tMITRS
Strobes Disable after CLKIN1
2.5 − DT/4
2.5 − DT/4
ns
tMITRHG
HBG Disable after CLKIN
3 − DT/4
3 − DT/4
ns
tDATEN
Data Enable after CLKIN2
9 + 5 DT/16
9 + 5 DT/16
ns
tDATTR
Data Disable after CLKIN2
0 − DT/8
8 − DT/8
0 − DT/8
8 − DT/8
ns
tACKEN
ACK Enable after CLKIN2
7.5 + DT/4
7.5 + DT/4
ns
tACKTR
ACK Disable after CLKIN2
−1 − DT/8
+7 − DT/8
−1 − DT/8
+7 − DT/8
ns
tADCEN
ADRCLK Enable after CLKIN
−2 − DT/8
−2 − DT/8
ns
tADCTR
ADRCLK Disable after CLKIN
9 − DT/4
9 − DT/4
ns
tMTRHBG
Memory Interface Disable before HBG Low3
−1 + DT/8
−1 + DT/8
ns
tMENHBG
Memory Interface Enable after HBG High3
18.5 + DT
18.5 + DT
ns
1 Strobes = RD, WR, SW, PAGE, DMAG.
2 In addition to bus master transition cycles, these specifications also apply to bus master and bus slave synchronous read/write.
3 Memory interface = address, RD, WR, MSx, SW, HBG, PAGE,DMAGx, BMS (in EPROM boot mode).
CLKIN
SBTS
ACK
MEMORY
INTERFACE
HBG
MEMORY INTERFACE
ADRCLK
DATA
MEMORY
INTERFACE
tSTSCK
tDATEN
tACKEN
tACKTR
tDATTR
tMENHBG
tHTSCK
tMIENA, tMIENS, tMIENHG
tADCEN
tADCTR
tMTRHBG
tMITRA, tMITRS, tMITRHG
= ADDRESS, RD, WR, MSx, SW, HBG, PAGE, DMAGx. BMS (IN EPROM BOOT MODE)
Figure 14. Three-State Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com