Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD14060L Datasheet(PDF) 21 Page - Analog Devices

Part # AD14060L
Description  DSP Multiprocessor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14060L Datasheet(HTML) 21 Page - Analog Devices

Back Button AD14060L Datasheet HTML 17Page - Analog Devices AD14060L Datasheet HTML 18Page - Analog Devices AD14060L Datasheet HTML 19Page - Analog Devices AD14060L Datasheet HTML 20Page - Analog Devices AD14060L Datasheet HTML 21Page - Analog Devices AD14060L Datasheet HTML 22Page - Analog Devices AD14060L Datasheet HTML 23Page - Analog Devices AD14060L Datasheet HTML 24Page - Analog Devices AD14060L Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
AD14060/AD14060L
Rev. B | Page 21 of 48
Table 17. 2× CLK Speed Operation
5 V
3.3 V
Parameter
Min
Max
Min
Max
Unit
Receive
Timing Requirements:
tSLDCL
Data Setup before LCLK Low
2.75
2.25
ns
tHLDCL
Data Hold after LCLK Low
2.25
2.25
ns
tLCLKIW
LCLK Period (2× Operation)
tCK/2
tCK/2
ns
tLCLKRWL
LCLK Width Low
4.6
5.25
ns
tLCLKRWH
LCLK Width High
4.25
4.5
ns
Switching Characteristics:
tDLAHC
LACK High Delay after CLKIN High
18 + DT/2
31.5 + DT/2
18 + DT/2
30.5 + DT/2
ns
tDLALC
LACK Low Delay after LCLK High1
6
17.8
6
19
ns
Transmit
Timing Requirements:
tSLACH
LACK Setup before LCLK High
20.25
19
ns
tHLACH
LACK Hold after LCLK High
−6.5
−6.5
ns
Switching Characteristics:
tDLCLK
LCLK Delay after CLKIN
9
9
ns
tDLDCH
Data Delay after LCLK High
3.25
2.75
ns
tHLDCH
Data Hold after LCLK High
−2
−2
ns
tLCLKTWL
LCLK Width Low
(tCK/4) − 1
(tCK/4) + 1.5
(tCK/4) − 0.75
(tCK/4) + 1.5
ns
tLCLKTWH
LCLK Width High
(tCK/4) − 1.5
(tCK/4) + 1
(tCK/4) − 1.5
(tCK/4) + 1
ns
tDLACLK
LCLK Low Delay after LACK High
(tCK/4) + 9
(3 × tCL/4) + 17
(tCK/4) + 9
(3 × tCL/4) + 17
ns
1 LACK goes low with tDLALC relative to the rising edge of LCLK after the first nibble is received. LACK does not go low, if the receiver’s link buffer is not about to fill.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com