Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 10 Page - NEC

Part # UPC1909GS
Description  SWITCHING REGULATOR CONTROL IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1909GS Datasheet(HTML) 10 Page - NEC

Back Button UPC1909GS Datasheet HTML 6Page - NEC UPC1909GS Datasheet HTML 7Page - NEC UPC1909GS Datasheet HTML 8Page - NEC UPC1909GS Datasheet HTML 9Page - NEC UPC1909GS Datasheet HTML 10Page - NEC UPC1909GS Datasheet HTML 11Page - NEC UPC1909GS Datasheet HTML 12Page - NEC UPC1909GS Datasheet HTML 13Page - NEC UPC1909GS Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet G14309EJ1V0DS00
10
µµµµPC1909
PACKAGE DRAWINGS
16 PIN PLASTIC DIP (300 mil)
ITEM
MILLIMETERS
INCHES
A
B
C
F
G
H
I
J
K
20.32 MAX.
2.54 (T.P.)
3.5
±0.3
0.51 MIN.
4.31 MAX.
1.27 MAX.
L
0.25
7.62 (T.P.)
5.08 MAX.
6.5
N
1.1 MIN.
P
0.800 MAX.
0.050 MAX.
0.043 MIN.
0.138
±0.012
0.020 MIN.
0.170 MAX.
0.200 MAX.
0.300 (T.P.)
0.256
0.01
0.043 MIN.
0.100 (T.P.)
1.1 MIN.
P16C-100-300B-1
D
0.50
±0.10
0.020
M
0.25
0.010
+0.10
–0.05
R0
∼15°
0
∼15°
+0.004
–0.005
+0.004
–0.003
NOTES
Each lead centerline is located within 0.25 mm (0.01 inch)
of its true position (T.P.) at maximum material condition.
Item "K" to center of leads when formed parallel.
1)
2)
M
18
16
9
A
B
C
N
F
D
M
R
K
L
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com