Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 11 Page - NEC

Part # UPC1909GS
Description  SWITCHING REGULATOR CONTROL IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1909GS Datasheet(HTML) 11 Page - NEC

Back Button UPC1909GS Datasheet HTML 7Page - NEC UPC1909GS Datasheet HTML 8Page - NEC UPC1909GS Datasheet HTML 9Page - NEC UPC1909GS Datasheet HTML 10Page - NEC UPC1909GS Datasheet HTML 11Page - NEC UPC1909GS Datasheet HTML 12Page - NEC UPC1909GS Datasheet HTML 13Page - NEC UPC1909GS Datasheet HTML 14Page - NEC UPC1909GS Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet G14309EJ1V0DS00
11
µµµµPC1909
16 PIN PLASTIC SOP (300 mil)
ITEM
MILLIMETERS
A
B
C
E
F
G
H
I
J
10.2
±0.2
1.27 (T.P.)
1.65
±0.15
1.55
7.7
±0.3
0.78 MAX.
0.12
1.1
±0.2
5.6
±0.2
M
0.1
±0.1
N
P16GM-50-300B-5
P3
°+7°
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
D
0.42+0.08
−0.07
K
0.22+0.08
−0.07
L
0.6
±0.2
0.10
−3°
detail of lead end
M
18
9
16
S
S
A
B
H
K
M
L
P
J
I
G
C
E
F
N
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com