Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 1 Page - NEC

Part # UPC1909GS
Description  SWITCHING REGULATOR CONTROL IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1909GS Datasheet(HTML) 1 Page - NEC

  UPC1909GS Datasheet HTML 1Page - NEC UPC1909GS Datasheet HTML 2Page - NEC UPC1909GS Datasheet HTML 3Page - NEC UPC1909GS Datasheet HTML 4Page - NEC UPC1909GS Datasheet HTML 5Page - NEC UPC1909GS Datasheet HTML 6Page - NEC UPC1909GS Datasheet HTML 7Page - NEC UPC1909GS Datasheet HTML 8Page - NEC UPC1909GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Bipolar Analog Integrated Circuit
µµµµPC1909
SWITCHING REGULATOR CONTROL IC
Document No. G14309EJ1V0DS00 (1st edition)
Date Published July 1999 N CP(K)
Printed in Japan
DATA SHEET
1999
©
The
µPC1909 is a switching regulator control IC ideal for primary side control of active-clamp typeNote DC/DC
converters. This IC has 2 outputs employing a totem-pole circuit with peak output current 1.2 A, and is capable of
directly driving a power MOS-FET. As a result, it has been possible to realize primary side control of an active-clamp
type converter on a single chip.
Note It is necessary to obtain license from Vicor Corporation before using the
µPC1909 in an active-clamp type
circuit.
FEATURES
•
2 on-chip outputs; for Q and Q
•
Capable of directly driving a power MOS-FET
•
Drive supply voltage range: 7 V to 24 V
•
On-chip remote control circuit
•
On-chip pulse-by-pulse overcurrent protection circuit
•
On-chip overvoltage latch circuit
ORDERING INFORMATION
Part Number
Package
µPC1909CX
16-pin plastic DIP (300 mils)
µPC1909GS
16-pin plastic SOP (300 mils)


Similar Part No. - UPC1909GS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1909GS RENESAS-UPC1909GS Datasheet
424Kb / 38P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC1909GS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2368 NJRC-NJM2368 Datasheet
312Kb / 8P
SWITCHING REGULATOR CONTROL IC FOR FLYBACK
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
SWITCHING REGULATOR CONTROL IC
NJM2378 NJRC-NJM2378 Datasheet
294Kb / 8P
PWM SWITCHING REGULATOR CONTROL IC FOR SLAVE TYPE
logo
Sanyo Semicon Device
LA5677M SANYO-LA5677M Datasheet
157Kb / 6P
DUAL SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
logo
Sanyo Semicon Device
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
Monolithic Linear IC 4ch Switching Regulator Control IC
logo
New Japan Radio
NJM2309 NJRC-NJM2309 Datasheet
131Kb / 7P
Switching Regulator Control IC for Step-Down
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
PWM control Step-Down switching regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com