Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP551 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP551
Description  Single Supply High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP551 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP551 Datasheet HTML 2Page - Analog Devices ADCMP551 Datasheet HTML 3Page - Analog Devices ADCMP551 Datasheet HTML 4Page - Analog Devices ADCMP551 Datasheet HTML 5Page - Analog Devices ADCMP551 Datasheet HTML 6Page - Analog Devices ADCMP551 Datasheet HTML 7Page - Analog Devices ADCMP551 Datasheet HTML 8Page - Analog Devices ADCMP551 Datasheet HTML 9Page - Analog Devices ADCMP551 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP551/ADCMP552/ADCMP553
Data Sheet
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 2. ADCMP551 16-Lead QSOP
Pin Configuration
Figure 3. ADCMP552 20-Lead QSOP
Pin Configuration
Figure 4. ADCMP553 8-Lead MSOP
Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
ADCMP551
ADCMP552
ADCMP553
3, 14
1, 4, 17, 20
VCCO
Logic Supply Terminal.
1
2
6
QA
One of Two Complementary Outputs for Channel A. QA is logic high if the
analog voltage at the noninverting input is greater than the analog voltage at
the inverting input (provided the comparator is in the compare mode). See the
description of Pin LEA for more information.
2
3
5
QA
One of Two Complementary Outputs for Channel A. QA is logic low if the analog
voltage at the noninverting input is greater than the analog voltage at the
inverting input (provided the comparator is in the compare mode). See the
description of Pin LEA for more information.
4
5
2
LEA
One of Two Complementary Outputs for Channel A Latch Enable. In the
compare mode (logic high), the output tracks changes at the input of the
comparator. In the latch mode (logic low), the output reflects the input state just
prior to the comparator’s being placed in the latch mode. LEA must be driven in
conjunction with LEA.
5
6
1
LEA
One of Two Complementary Outputs for Channel A Latch Enable. In the
compare mode (logic high), the output tracks changes at the input of the
comparator. In the latch mode (logic low), the output reflects the input state just
prior to the comparator’s being placed in the latch mode. LEA must be driven in
conjunction with LEA.
6
7
VCCI
Input Supply Terminal.
7
8
4
−INA
Inverting Analog Input of the Differential Input Stage for Channel A. The
inverting A input must be driven in conjunction with the noninverting A input.
8
9
3
+INA
Noninverting Analog Input of the Differential Input Stage for Channel A. The
noninverting A input must be driven in conjunction with the inverting A input.
10
HYSA
Programmable Hysteresis.
11
HYSB
Programmable Hysteresis.
9
12
+INB
Noninverting Analog Input of the Differential Input Stage for Channel B. The
noninverting B input must be driven in conjunction with the inverting B input.
10
13
−INB
Inverting Analog Input of the Differential Input Stage for Channel B. The
inverting B input must be driven in conjunction with the noninverting B input.
11
14
8
AGND
Analog Ground.
ADCMP551
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–INA
+INA
QA
QA
VCCO
VCCI
LEA
LEA
–INB
+INB
QB
QB
VCCO
AGND
LEB
LEB
ADCMP552
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
–INA
QA
QA
VCCO
VCCI
LEA
LEA
VCCO
+INA
HYSA
–INB
QB
QB
VCCO
AGND
LEB
LEB
VCCO
+INB
HYSB
ADCMP553
TOP VIEW
(Not to Scale)
1
2
3
4
8
7
6
5
LEA
LEA
+INA
–INA
AGND
VCC
QA
QA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com