Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP551 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP551
Description  Single Supply High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP551 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP551 Datasheet HTML 3Page - Analog Devices ADCMP551 Datasheet HTML 4Page - Analog Devices ADCMP551 Datasheet HTML 5Page - Analog Devices ADCMP551 Datasheet HTML 6Page - Analog Devices ADCMP551 Datasheet HTML 7Page - Analog Devices ADCMP551 Datasheet HTML 8Page - Analog Devices ADCMP551 Datasheet HTML 9Page - Analog Devices ADCMP551 Datasheet HTML 10Page - Analog Devices ADCMP551 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADCMP551/ADCMP552/ADCMP553
Rev. A | Page 7 of 16
Pin No.
Mnemonic
Function
ADCMP551
ADCMP552
ADCMP553
12
15
LEB
One of Two Complementary Inputs for Channel B Latch Enable. In the compare
mode (logic low), the output tracks changes at the input of the comparator. In
the latch mode (logic high), the output reflects the input state just prior to the
comparator’s being placed in the latch mode. LEB must be driven in conjunction
with LEB.
13
16
LEB
One of Two Complementary Inputs for Channel B Latch Enable. In the compare
mode (logic low), the output tracks changes at the input of the comparator. In
the latch mode (logic high), the output reflects the input state just prior to the
comparator’s being placed in the latch mode. LEB must be driven in conjunction
with LEB.
15
18
QB
One of Two Complementary Outputs for Channel B. QB is logic low if the analog
voltage at the noninverting input is greater than the analog voltage at the
inverting input (provided the comparator is in the compare mode). See the
description of Pin LEB for more information.
16
19
QB
One of Two Complementary Outputs for Channel B. QB is logic high if the analog
voltage at the noninverting input is greater than the analog voltage at the
inverting input (provided the comparator is in the compare mode). See the
description of Pin LEB for more information.
7
VCC
Positive Supply Terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com