Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP551 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP551
Description  Single Supply High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP551 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP551 Datasheet HTML 5Page - Analog Devices ADCMP551 Datasheet HTML 6Page - Analog Devices ADCMP551 Datasheet HTML 7Page - Analog Devices ADCMP551 Datasheet HTML 8Page - Analog Devices ADCMP551 Datasheet HTML 9Page - Analog Devices ADCMP551 Datasheet HTML 10Page - Analog Devices ADCMP551 Datasheet HTML 11Page - Analog Devices ADCMP551 Datasheet HTML 12Page - Analog Devices ADCMP551 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADCMP551/ADCMP552/ADCMP553
Rev. A | Page 9 of 16
Figure 11. Propagation Delay vs. Temperature
Figure 12. Propagation Delay vs. Overdrive Voltage
Figure 13. Comparator Hysteresis vs. RHYS
Figure 14. Propagation Delay vs. Common-Mode Voltage
Figure 15. Propagation Delay Error vs. Pulse Width
Figure 16. Comparator Hysteresis vs. IHYS
515
480
485
490
495
500
505
510
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (
°C)
140
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1.0
OVERDRIVE VOLTAGE (V)
120
100
80
60
40
20
0
100
10
1
RHYS (kΩ)
505
504
503
502
501
500
499
498
497
496
495
–0.2
0.1
0.4
0.7
1.0
1.3
INPUT COMMON MODE VOLTAGE (V)
25
0
5
10
15
20
–5
0.7
9.7
8.7
7.7
6.7
5.7
4.7
3.7
2.7
1.7
PULSE WIDTH (ns)
140
120
100
80
60
40
20
0
0
300
250
200
150
100
50
IHYS (µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com