Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP566 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP566
Description  Dual Ultrafast Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP566 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP566_15 Datasheet HTML 6Page - Analog Devices ADCMP566_15 Datasheet HTML 7Page - Analog Devices ADCMP566_15 Datasheet HTML 8Page - Analog Devices ADCMP566_15 Datasheet HTML 9Page - Analog Devices ADCMP566_15 Datasheet HTML 10Page - Analog Devices ADCMP566_15 Datasheet HTML 11Page - Analog Devices ADCMP566_15 Datasheet HTML 12Page - Analog Devices ADCMP566_15 Datasheet HTML 13Page - Analog Devices ADCMP566_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADCMP566
Rev. 0 | Page 10 of 16
as the variation in propagation delay as the input overdrive
conditions are changed (Figure 4). For the ADCMP566,
overdrive dispersion is typically 35 ps as the overdrive is
changed from 100 mV to 1 V. This specification applies for
both positive and negative overdrive since the ADCMP566 has
equal delays for positive and negative going inputs.
The 35 ps propagation delay overdrive dispersion of the
ADCMP566 offers considerable improvement of the 100 ps
dispersion of other similar series comparators.
Q OUTPUT
INPUT VOLTAGE
1.5V OVERDRIVE
20mV OVERDRIVE
DISPERSION
VREF ± VOS
03633-0-004
Figure 4. Propagation Delay Dispersion
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often useful in a
noisy environment or where it is not desirable for the compara-
tor to toggle between states when the input signal is at the
switching threshold. The transfer function for a comparator
with hysteresis is shown in Figure 5. If the input voltage
approaches the threshold from the negative direction, the
comparator will switch from a 0 to a 1 when the input crosses
+VH/2. The new switching threshold becomes −VH/2. The
comparator will remain in a 1 state until the threshold −VH/2 is
crossed coming from the positive direction. In this manner,
noise centered on 0 V input will not cause the comparator to
switch states unless it exceeds the region bounded by ±VH/2.
Positive feedback from the output to the input is often used to
produce hysteresis in a comparator (Figure 9). The major
problem with this approach is that the amount of hysteresis
varies with the output logic levels, resulting in a hysteresis that
is not symmetrical around zero.
Another method to implement hysteresis is generated by
introducing a differential voltage between LATCH ENABLE
and LATCH ENABLE. inputs (Figure 10). Hysteresis generated
in this manner is independent of output swing and is symmetri-
cal around zero. The variation of hysteresis with input voltage is
shown in Figure 6.
OUTPUT
INPUT
0
1
0V
–VH
2
+VH
2
03633-0-005
Figure 5. Comparator Hysteresis Transfer Function
∆ LATCH = LE – LEB (mV)
–20
0
10
20
30
40
50
60
–10
–15
–5
0
10
515
Figure 6. Comparator Hysteresis Transfer Function
Using Latch Enable Input
MINIMUM INPUT SLEW RATE REQUIREMENT
As for all high speed comparators, a minimum slew rate must
be met to ensure that the device does not oscillate when the
input crosses the threshold. This oscillation is due in part to the
high input bandwidth of the comparator and the parasitics of
the package. Analog Devices recommends a slew rate of 5 V/µs
or faster to ensure a clean output transition. If slew rates less
than 5 V/µs are used, then hysteresis should be added to reduce
the oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com