Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP566 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP566
Description  Dual Ultrafast Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP566 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP566_15 Datasheet HTML 8Page - Analog Devices ADCMP566_15 Datasheet HTML 9Page - Analog Devices ADCMP566_15 Datasheet HTML 10Page - Analog Devices ADCMP566_15 Datasheet HTML 11Page - Analog Devices ADCMP566_15 Datasheet HTML 12Page - Analog Devices ADCMP566_15 Datasheet HTML 13Page - Analog Devices ADCMP566_15 Datasheet HTML 14Page - Analog Devices ADCMP566_15 Datasheet HTML 15Page - Analog Devices ADCMP566_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADCMP566
Rev. 0 | Page 12 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC = +5.0 V, VEE = −5.2 V, TA = 25°C, unless otherwise noted.)
NONINVERTING INPUT VOLTAGE (INVERTING VOLTAGE = 0.5V)
–2.5
0
10
5
15
20
25
30
–0.5
0.5
–1.5
1.5
2.5
3.5
Figure 12. Input Bias Current vs. Input Voltage
TEMPERATURE (°C)
–40
–20
0
0.6
0.4
0.2
1.4
1.2
1.0
0.8
2.0
1.8
1.6
0
20406080
Figure 13. Input Offset Voltage vs. Temperature
TEMPERATURE (°C)
–40 –30 –20 –10
0
1020304050607080
125
165
155
145
135
175
185
195
90
Figure 14. Rise Time vs. Temperature
TEMPERATURE (°C)
–40
–20
0
20406080
22.0
22.8
22.6
22.4
22.2
23.0
23.2
23.4
Figure 15. Input Bias Current vs. Temperature
∆ LATCH = LE – LEB (mV)
–20
0
10
20
30
40
50
60
–10
–15
–5
0
10
515
Figure 16. Hysteresis vs. ∆Latch
TEMPERATURE (°C)
–40 –30 –20 –10
0
1020304050607080
125
165
155
145
135
175
185
195
90
Figure 17. Fall Time vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com