Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP566 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP566
Description  Dual Ultrafast Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP566 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP566_15 Datasheet HTML 1Page - Analog Devices ADCMP566_15 Datasheet HTML 2Page - Analog Devices ADCMP566_15 Datasheet HTML 3Page - Analog Devices ADCMP566_15 Datasheet HTML 4Page - Analog Devices ADCMP566_15 Datasheet HTML 5Page - Analog Devices ADCMP566_15 Datasheet HTML 6Page - Analog Devices ADCMP566_15 Datasheet HTML 7Page - Analog Devices ADCMP566_15 Datasheet HTML 8Page - Analog Devices ADCMP566_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADCMP566
Rev. 0 | Page 3 of 16
SPECIFICATIONS
Table 1. ADCMP566 ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, VEE = −5.2 V, TA = 25°C, unless otherwise noted.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS (See Note)
Input Common-Mode Range
VCM
−2.0
+3.0
V
Input Differential Voltage
−5
+5
V
Input Offset Voltage
VOS
−5.0
±1.0
+5.0
mV
Input Offset Voltage Channel Matching
±1.0
mV
Offset Voltage Tempco
DVOS/dT
10.0
µV/°C
Input Bias Current
IBC
−10
+24
+42
µA
Input Bias Current Tempco
10.0
nA/°C
Input Offset Current
−8.0
±0.5
+8.0
µA
Input Capacitance
CIN
0.75
pF
Input Resistance, Differential Mode
100
kΩ
Input Resistance, Common Mode
600
kΩ
Open Loop Gain
60
dB
Common-Mode Rejection Ratio
CMRR
VCM = −2.0 V to +3.0 V
69
dB
Hysteresis
±1.0
mV
LATCH ENABLE CHARACTERISTICS
Latch Enable Common-Mode Range
VLCM
−2.0
0
V
Latch Enable Differential Input Voltage
VLD
0.4
2.0
V
Input High Current
@ 0.0 V
−12
+6
+12
µA
Input Low Current
@ −2.0 V
−12
+6
+12
µA
Latch Setup Time
tS
250 mV overdrive
50
ps
Latch to Output Delay
tPLOH, tPLOL
250 mV overdrive
250
ps
Latch Pulsewidth
tPL
250 mV overdrive
150
ps
Latch Hold Time
tH
250 mV overdrive
75
ps
OUTPUT CHARACTERISTICS
Output Voltage—High Level
VOH
ECL 50 Ω to −2.0 V
−1.06
−0.81
V
Output Voltage—Low Level
VOL
ECL 50 Ω to −2.0 V
−1.95
−1.65
V
Rise Time
tR
20% to 80%
170
ps
Fall Time
tF
20% to 80%
140
ps
AC PERFORMANCE
Propagation Delay
tPD
1 V overdrive
240
ps
Propagation Delay
tPD
20 mV overdrive
290
ps
Propagation Delay Tempco
0.5
ps/°C
Prop Delay Skew—Rising Transition to
Falling Transition
±10
ps
Within Device Propagation Delay Skew—
Channel to Channel
±10
ps
Propagation Delay Dispersion vs.
Duty Cycle
1 MHz, 1 ns tR, tF
±10
ps
Propagation Delay Dispersion vs.
Overdrive
50 mV to 1.5 V
35
ps
Propagation Delay Dispersion vs.
Overdrive
20 mV to 1.5 V
50
ps
Propagation Delay Dispersion vs.
Slew Rate
0 V to 1 V swing,
20% to 80%,
50 and 600 ps tR, tF
50
ps
Propagation Delay Dispersion vs.
Common-Mode Voltage
1 V swing,
−1.5 V to 2.5 VCM
5
ps
Equivalent Input Rise Time Bandwidth
BW
0 V to 1 V swing,
20% to 80%,
50 ps tR, tF
5000
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com