Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC24A05 Datasheet(PDF) 1 Page - NEC

Part # UPC24A05
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC24A05 Datasheet(HTML) 1 Page - NEC

  UPC24A05 Datasheet HTML 1Page - NEC UPC24A05 Datasheet HTML 2Page - NEC UPC24A05 Datasheet HTML 3Page - NEC UPC24A05 Datasheet HTML 4Page - NEC UPC24A05 Datasheet HTML 5Page - NEC UPC24A05 Datasheet HTML 6Page - NEC UPC24A05 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC24A00 Series
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Document No. G14632EJ3V0DS00 (3rd edition)
Date Published February 2000 N CP(K)
Printed in Japan
DATA SHEET
The
µPC24A00 Series is a low dropout voltage three terminal regulator that has realized a minimum voltage
differential between the I/O of no more than 1 V when the output current is 2 A through the employment of a PNP
transistor at the output stage.
Due to its ability to achieve a greater reduction in the power loss compared with conventional three-terminal
regulators, the
µPC24A00 Series is ideal for use as the secondary side smoothing circuit of a power supply.
FEATURES
PIN CONFIGURATION (Marking Side)
• Output current in excess of 2.0 A
• High accuracy of output voltage
∆ VO = ±2% MAX. (TJ = 25°C, IO = 1 A)
• Low dropout voltage
VDIF = 1 V MAX. (IO = 2 A)
• On-chip thermal shut down circuit, over-current protection
circuit and safe operating area protection circuit
3-pin plastic SIP (MP-45G)
µPC24A05HF, 24A12HF, 24A15HF
12
1: INPUT
2: GND
3: OUTPUT
3
ORDERING INFORMATION
Part Number
Package
Output Voltage
µ PC24A05HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
5 V
µ PC24A12HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
12 V
µ PC24A15HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
15 V
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000


Similar Part No. - UPC24A05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC24A05HF RENESAS-UPC24A05HF Datasheet
302Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC24A05

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC2918 NEC-UPC2918 Datasheet
420Kb / 12P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
16-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com