Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7756_15 Datasheet HTML 2Page - Analog Devices ADE7756_15 Datasheet HTML 3Page - Analog Devices ADE7756_15 Datasheet HTML 4Page - Analog Devices ADE7756_15 Datasheet HTML 5Page - Analog Devices ADE7756_15 Datasheet HTML 6Page - Analog Devices ADE7756_15 Datasheet HTML 7Page - Analog Devices ADE7756_15 Datasheet HTML 8Page - Analog Devices ADE7756_15 Datasheet HTML 9Page - Analog Devices ADE7756_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
REV. 0
ADE7756
–6–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADE7756 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to AVDD . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND
V1P, V1N, V2P and V2N . . . . . . . . . . . . . . . . . . –6 V to +6 V
Reference Input Voltage to AGND . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Industrial (A, B Versions) . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . .
–65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
20-Lead Plastic DIP, Power Dissipation . . . . . . . . .
450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 105°C/W
Lead Temperature, (Soldering 10 sec) . . . . . . . . . . . 260
°C
20-Lead SSOP, Power Dissipation . . . . . . . . . . . . .
450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 112°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Package Description
Package Option
ADE7756AN
Plastic DIP
N-20
ADE7756BN
Plastic DIP
N-20
ADE7756ARS
Shrink Small Outline Package in Tubes
RS-20
ADE7756ARSRL
Shrink Small Outline Package in Tubes
RS-20
ADE7756BRS
Shrink Small Outline Package in Tubes
RS-20
ADE7756BRSRL
Shrink Small Outline Package in Reel
RS-20
EVAL-ADE7756EB
ADE7756 Evaluation Board
ADE7756AN-REF
ADE7756 Reference Design
PIN CONFIGURATION
DIP and SSOP Packages
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ADE7756
DGND
REFIN/OUT
AGND
DVDD
AVDD
V1P
V2P
V2N
V1N
CF
ZX
SAG
DOUT
SCLK
CS
IRQ
CLKIN
CLKOUT
RESET
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com