Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756 Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7756_15 Datasheet HTML 14Page - Analog Devices ADE7756_15 Datasheet HTML 15Page - Analog Devices ADE7756_15 Datasheet HTML 16Page - Analog Devices ADE7756_15 Datasheet HTML 17Page - Analog Devices ADE7756_15 Datasheet HTML 18Page - Analog Devices ADE7756_15 Datasheet HTML 19Page - Analog Devices ADE7756_15 Datasheet HTML 20Page - Analog Devices ADE7756_15 Datasheet HTML 21Page - Analog Devices ADE7756_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
REV. 0
ADE7756
–18–
CHANNEL 1 ADC
Figure 18 shows the ADC and signal processing chain for Chan-
nel 1. In waveform sampling mode the ADC outputs a signed
two’s complement 20-bit data word at a maximum of 27.9 kSPS
(CLKIN/128). The output of the ADC can be scaled by
±50% to
perform an overall power calibration or to calibrate the ADC out-
put. While the ADC outputs a 20-bit two’s complement value, the
maximum full-scale positive value from the ADC is limited to
40000h (+262,144 decimal). The maximum full-scale negative
value is limited to C0000h (–262,144 Decimal). If the analog
inputs are overranged, the ADC output code will clamp at these
values. With the specified full scale analog input signal of 1 V (or
0.5 V or 0.25 V—see Analog Inputs section) the ADC will produce
an output code which is approximately 63% of its full-scale value.
This is illustrated in Figure 18. The diagram in Figure 15 shows
a full-scale voltage signal being applied to the differential inputs
V1P and V1N. The ADC output swings between D7AE1h
(–165,151) and 2851Fh (+165,151). This is approximately 63%
of the full-scale value 40000h (262,144). Overranging the analog
inputs with more than 1 V differential (0.5 or 0.25, depending
on Channel 1 full-scale selection) will cause the ADC output to
increase towards its full-scale value. However for specified opera-
tion the differential signal on the analog inputs should not exceed
the recommended value of 1.0 V.
Channel 1 ADC Gain Adjust
The ADC gain in Channel 1 can be adjusted by using the multi-
plier and Active Power Gain register (APGAIN[11:0]). The
gain of the ADC is adjusted by writing a two’s complement
12-bit word to the Active Power Gain register. Following is
12
801Hex – 7FFHex
x1, x2, x4,
x8, x16
REFERENCE
2.42V, 1.21V, 0.6V
APGAIN[11:0]
V1
0V
00000h
40000h
C0000h
2851Fh
D7AE1h
+FS
–FS
+63% FS
–63% FS
00000h
2851Fh
+63% FS
–63% FS
D7AE1h
+94.5% FS
+31.5% FS
–31.5% FS
–94.5% FS
3C7AEh
1428Fh
EBD71h
C3852h
000h 7FFh 801h
ANALOG INPUT
RANGE
ADC OUTPUT
WORD RANGE
CHANNEL 1 (ACTIVE POWER)
CALIBRATION RANGE
TO
MULTIPLIER
TO
WAVEFORM
REGISTER
WAVEFORM[23:0]
1
DIGITAL
LPF
1V, 0.5V, 0.25V, 125mV,
62.5mV, 31.3mV, 15.6mV
GAIN[4:3]
MULTIPLIER
HPF
V1P
V1N
1
SINC3
20
ADC
GAIN[2:0]
PGA1
APGAIN[11:0]
Figure 18. ADC and Signal Processing in Channel 1
the expression that shows how the gain adjustment is related to
the contents of the Active Power Gain register.
Code
ADC
APGAIN
=× +


1
2
12
For example when 7FFh is written to the Active Power Gain
register the ADC output is scaled up by 50%. 7FFh = 2047 deci-
mal, 2047/2
12 = 0.5. Similarly, 801h = –2047 decimal (signed
two’s complement) and ADC output is scaled by –50%. These
two examples are graphically illustrated in Figure 18.
Channel 1 Sampling
The waveform samples may also be routed to the Waveform
register (MODE[14:13] = 1, 0) to be read by the system master
(MCU). In waveform sampling mode the WSMP bit (Bit 3) in
the Interrupt Enable register must also be set to Logic 1. The
Active Power and Energy calculation will remain uninterrupted
during waveform sampling.
When in waveform sample mode, one of four output sample rates
may be chosen by using Bits 11 and 12 of the Mode register
(WAVSEL1, 0). The output sample rate may be 27.9 kSPS,
14 kSPS, 7 kSPS or 3.5 kSPS—see Mode Register section. The
interrupt request output
IRQ signals a new sample availability
by going active low. The timing is shown in Figure 19. The
20-bit waveform samples are transferred from the ADE7756 one
byte (8 bits) at a time, with the most significant byte shifted out
first. The 20-bit data word is right-justified and sign extended
to 24 bits (three bytes)—see Serial Interface section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com