Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756 Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7756_15 Datasheet HTML 17Page - Analog Devices ADE7756_15 Datasheet HTML 18Page - Analog Devices ADE7756_15 Datasheet HTML 19Page - Analog Devices ADE7756_15 Datasheet HTML 20Page - Analog Devices ADE7756_15 Datasheet HTML 21Page - Analog Devices ADE7756_15 Datasheet HTML 22Page - Analog Devices ADE7756_15 Datasheet HTML 23Page - Analog Devices ADE7756_15 Datasheet HTML 24Page - Analog Devices ADE7756_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. 0
ADE7756
–21–
ACTIVE POWER CALCULATION
Electrical power is defined as the rate of energy flow from source to
load. It is given by the product of the voltage and current wave-
forms. The resulting waveform is called the instantaneous power
signal and it is equal to the rate of energy flow at every instant of
time. The unit of power is the watt or joules/sec. Equation 3
gives an expression for the instantaneous power signal in an
ac system.
vt
V
t
( )
sin(
)
= 2
ω
(1)
it
I
t
( )
sin(
)
= 2
ω
(2)
where
V = rms voltage,
I = rms current.
pt
vt
i t
p t
VI
VI
t
()
()
()
( )
–
cos (
)
=×
=
2
ω
(3)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 4.
P
nT
p t dt
VI
nT
==
∫
1
0
()
(4)
where
T is the line cycle period.
and
P is referred to as the Active or Real Power.
Note that the active power is equal to the dc component of the
instantaneous power signal p(t) in Equation 3 , i.e., VI. This is
the relationship used to calculate active power in the ADE7756.
The instantaneous power signal p(t) is generated by multiplying
the current and voltage signals. The dc component of the instan-
taneous power signal is then extracted by LPF2 (Low-Pass Filter)
to obtain the active power information. This process is graphi-
cally illustrated in Figure 26. Since LPF2 does not have an ideal
“brick wall” frequency response—see Figure 27—the Active
Power signal will have some ripple due to the instantaneous
power signal. This ripple is sinusoidal and has a frequency equal
to twice the line frequency. Since the ripple is sinusoidal in
nature it will be removed when the Active Power signal is inte-
grated to calculate Energy—see Energy Calculation section.
VOLTAGE
CURRENT
INSTANTANEOUS
POWER SIGNAL
ACTIVE REAL POWER
SIGNAL = V
I
00000h
1999Ah
V. I.
CCCDh
p(t) = V
1 – V
1
COS(2 t)
I(t) =
2
I
SIN( t)
V(t) =
2
V
SIN( t)
Figure 26. Active Power Calculation
Figure 28 shows the signal processing chain for the Active
Power calculation in the ADE7756. As explained, the Active
Power is calculated by low-pass filtering the instantaneous
power signal.
FREQUENCY – Hz
–24
1
–20
3
10
30
100
–12
–16
–8
–4
0
Figure 27. Frequency Response of LPF2
CCCDh
00h
HPF
20
20
LPF2
MULTIPLIER
INSTANTANEOUS POWER SIGNAL
p(t) = –40%FS TO +40%FS
ACTIVE POWER
SIGNAL – P
I
V
CURRENT SIGNAL – I(t)
1
VOLTAGE SIGNAL – V(t)
1999Ah
Figure 28. Active Power Signal Processing
Shown in Figure 29 is the maximum code (Hexadecimal) out-
put range for the Active Power signal (LPF2). Note that the
output range changes, depending on the contents of the Active
Power Gain register—see Channel 1 ADC section. The mini-
mum output range is given when the Active Power Gain register
contents are equal to 800h, and the maximum range is given
by writing 7FFh to the Active Power Gain register. This can
be used to calibrate the Active Power (or Energy) calculation
in the ADE7756.
00000h
+20% FS
–20% FS
+30% FS
+10% FS
–10% FS
–30% FS
CCCDh
F3333h
000h
7FFh
800h
CHANNEL 1 (ACTIVE POWER)
CALIBRATION RANGE
POSITIVE
POWER
6666h
F999Ah
1999Ah
E6666h
APGAIN[11:0]
NEGATIVE
POWER
Figure 29. Active Power Calculation Output Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com