Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 15Page - Analog Devices ADE7758_15 Datasheet HTML 16Page - Analog Devices ADE7758_15 Datasheet HTML 17Page - Analog Devices ADE7758_15 Datasheet HTML 18Page - Analog Devices ADE7758_15 Datasheet HTML 19Page - Analog Devices ADE7758_15 Datasheet HTML 20Page - Analog Devices ADE7758_15 Datasheet HTML 21Page - Analog Devices ADE7758_15 Datasheet HTML 22Page - Analog Devices ADE7758_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 19 of 72
CURRENT CHANNEL ADC
Figure 41 shows the ADC and signal processing path for the
input IA of the current channels (same for IB and IC). In
waveform sampling mode, the ADC outputs are signed twos
complement 24-bit data-words at a maximum of 26.0 kSPS
(thousand samples per second). With the specified full-scale
analog input signal of ±0.5 V, the ADC produces its maximum
output code value (see Figure 41). This diagram shows a full-
scale voltage signal being applied to the differential inputs IAP
and IAN. The ADC output swings between 0xD7AE14
(−2,642,412) and 0x2851EC (+2,642,412).
Current Channel Sampling
The waveform samples of the current channel can be routed to
the WFORM register at fixed sampling rates by setting the
WAVSEL[2:0] bit in the WAVMODE register to 000 (binary)
(see Table 20). The phase in which the samples are routed is set
by setting the PHSEL[1:0] bits in the WAVMODE register.
Energy calculation remains uninterrupted during waveform
sampling.
When in waveform sample mode, one of four output sample
rates can be chosen by using Bit 5 and Bit 6 of the WAVMODE
register (DTRT[1:0]). The output sample rate can be 26.04 kSPS,
13.02 kSPS, 6.51 kSPS, or 3.25 kSPS. By setting the WFSM bit in
the interrupt mask register to Logic 1, the interrupt request
output IRQ goes active low when a sample is available. The
timing is shown in
. The 24-bit waveform samples are
transferred from the
one byte (8-bits) at a time, with
the most significant byte shifted out first.
Figure 40
ADE7758
READ FROM WAVEFORM
0
SGN
CURRENT CHANNEL DATA–24 BITS
0x12
SCLK
DIN
DOUT
IRQ
Figure 40. Current Channel Waveform Sampling
The interrupt request output IRQ stays low until the interrupt
routine reads the reset status register (see the
section).
Interrupts
DIGITAL
INTEGRATOR1
GAIN[7]
ADC
REFERENCE
ACTIVE AND REACTIVE
POWER CALCULATION
WAVEFORM SAMPLE
REGISTER
CURRENT RMS (IRMS)
CALCULATION
IAP
IAN
PGA1
VIN
GAIN[4:3]
2.42V, 1.21V, 0.6V
GAIN[1:0]
×1, ×2, ×4
ANALOG
INPUT
RANGE
VIN
0V
0.5V/GAIN
0.25V/GAIN
0.125V/GAIN
ADC OUTPUT
WORD RANGE
CHANNEL 1
(CURRENT WAVEFORM)
DATA RANGE
0xD7AE14
0x000000
0x2851EC
50Hz
CHANNEL 1 (CURRENT WAVEFORM)
DATA RANGE AFTER INTEGRATOR
(50Hz AND AIGAIN[11:0] = 0x000)
0xCB2E48
0x000000
0x34D1B8
60Hz
CHANNEL 1 (CURRENT WAVEFORM)
DATA RANGE AFTER INTEGRATOR
(60Hz AND AIGAIN[11:0] = 0x000)
0xD4176D
0x000000
0x2BE893
HPF
1WHEN DIGITAL INTEGRATOR IS ENABLED, FULL-SCALE OUTPUT DATA IS
ATTENUATED DEPENDING ON THE SIGNAL FREQUENCY BECAUSE THE
INTEGRATOR HAS A –20dB/DECADE FREQUENCY RESPONSE. WHEN DISABLED,
THE OUTPUT WILL NOT BE FURTHER ATTENUATED.
Figure 41. Current Channel Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com