Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 19Page - Analog Devices ADE7758_15 Datasheet HTML 20Page - Analog Devices ADE7758_15 Datasheet HTML 21Page - Analog Devices ADE7758_15 Datasheet HTML 22Page - Analog Devices ADE7758_15 Datasheet HTML 23Page - Analog Devices ADE7758_15 Datasheet HTML 24Page - Analog Devices ADE7758_15 Datasheet HTML 25Page - Analog Devices ADE7758_15 Datasheet HTML 26Page - Analog Devices ADE7758_15 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 23 of 72
ZERO-CROSSING DETECTION
The ADE7758 has zero-crossing detection circuits for each of
the voltage channels (VAN, VBN, and VCN). Figure 51 shows
how the zero-cross signal is generated from the output of the
ADC of the voltage channel.
REFERENCE
ADC
ZERO-
CROSSING
DETECTOR
PGA
VAN,
VBN,
VCN
GAIN[6:5]
×1, ×2, ×4
LPF1
f–3dB = 260Hz
24.8° @ 60Hz
ANALOG VOLTAGE
WAVEFORM
(VAN, VBN, OR VCN)
LPF1
OUTPUT
READ RSTATUS
IRQ
1.0
0.908
Figure 51. Zero-Crossing Detection on Voltage Channels
The zero-crossing interrupt is generated from the output of
LPF1. LPF1 has a single pole at 260 Hz (CLKIN = 10 MHz). As
a result, there is a phase lag between the analog input signal of
the voltage channel and the output of LPF1. The phase response
of this filter is shown in the Voltage Channel Sampling section.
The phase lag response of LPF1 results in a time delay of
approximately 1.1 ms (at 60 Hz) between the zero crossing on
the voltage inputs and the resulting zero-crossing signal. Note
that the zero-crossing signal is used for the line cycle
accumulation mode, zero-crossing interrupt, and line
period/frequency measurement.
When one phase crosses from negative to positive, the
corresponding flag in the interrupt status register (Bit 9 to
Bit 11) is set to Logic 1. An active low in the IRQ output also
appears if the corresponding ZX bit in the interrupt mask
register is set to Logic 1. Note that only zero crossing from
negative to positive generates an interrupt.
The flag in the interrupt status register is reset to 0 when the
interrupt status register with reset (RSTATUS) is read. Each
phase has its own interrupt flag and mask bit in the interrupt
register.
Zero-Crossing Timeout
Each zero-crossing detection has an associated internal timeout
register (not accessible to the user). This unsigned, 16-bit
register is decreased by 1 every 384/CLKIN seconds. The
registers are reset to a common user-programmed value, that is,
the zero-crossing timeout register (ZXTOUT[15:0], Address 0x1B),
every time a zero crossing is detected on its associated input.
The default value of ZXTOUT is 0xFFFF. If the internal register
decrements to 0 before a zero crossing at the corresponding
input is detected, it indicates an absence of a zero crossing in
the time determined by the ZXTOUT[15:0]. The ZXTOx
detection bit of the corresponding phase in the interrupt status
register is then switched on (Bit 6 to Bit 8). An active low on the
IRQ output also appears if the ZXTOx mask bit for the
corresponding phase in the interrupt mask register is set to
Logic 1.
shows the mechanism of the zero-crossing
timeout detection when the Line Voltage A stays at a fixed dc
level for more than 384/CLKIN × ZXTOUT[15:0] seconds.
Figure 52
ZXTOA
DETECTION BIT
READ
RSTATUS
VOLTAGE
CHANNEL A
ZXTOUT[15:0]
16-BIT INTERNAL
REGISTER VALUE
Figure 52. Zero-Crossing Timeout Detection
PHASE COMPENSATION
When the HPF in the current channel is disabled, the phase
error between the current channel (IA, IB, or IC) and the
corresponding voltage channel (VA, VB, or VC) is negligible.
When the HPF is enabled, the current channels have phase
response (see Figure 53 through Figure 55). The phase response
is almost 0 from 45 Hz to 1 kHz. The frequency band is sufficient
for the requirements of typical energy measurement applications.
However, despite being internally phase compensated, the
ADE7758 must work with transducers that may have inherent
phase errors. For example, a current transformer (CT) with a
phase error of 0.1° to 0.3° is not uncommon. These phase errors
can vary from part to part, and they must be corrected to
perform accurate power calculations.
The errors associated with phase mismatch are particularly
noticeable at low power factors. The ADE7758 provides a
means of digitally calibrating these small phase errors. The
ADE7758 allows a small time delay or time advance to be
introduced into the signal processing chain to compensate for
the small phase errors.
The phase calibration registers (APHCAL, BPHCAL, and
CPHCAL) are twos complement, 7-bit sign-extended registers
that can vary the time advance in the voltage channel signal
path from +153.6 μs to −75.6 μs (CLKIN = 10 MHz),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com