Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 20Page - Analog Devices ADE7758_15 Datasheet HTML 21Page - Analog Devices ADE7758_15 Datasheet HTML 22Page - Analog Devices ADE7758_15 Datasheet HTML 23Page - Analog Devices ADE7758_15 Datasheet HTML 24Page - Analog Devices ADE7758_15 Datasheet HTML 25Page - Analog Devices ADE7758_15 Datasheet HTML 26Page - Analog Devices ADE7758_15 Datasheet HTML 27Page - Analog Devices ADE7758_15 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 24 of 72
40
70
65
60
55
50
45
0.20
0.15
0.10
0.05
0
–0.05
–0.10
FREQUENCY (Hz)
respectively. Negative values written to the PHCAL registers
represent a time advance, and positive values represent a time
delay. One LSB is equivalent to 1.2 μs of time delay or 2.4 μs of
time advance with a CLKIN of 10 MHz. With a line frequency
of 60 Hz, this gives a phase resolution of 0.026° (360° × 1.2 μs ×
60 Hz) at the fundamental in the positive direction (delay) and
0.052° in the negative direction (advance). This corresponds to
a total correction range of −3.32° to +1.63° at 60 Hz.
Figure 56 illustrates how the phase compensation is used to
remove a 0.1° phase lead in IA of the current channel from the
external current transducer. To cancel the lead (0.1°) in the
current channel of Phase A, a phase lead must be introduced
into the corresponding voltage channel. The resolution of the
phase adjustment allows the introduction of a phase lead of
0.104°. The phase lead is achieved by introducing a time
advance into VA. A time advance of 4.8 μs is made by writing
−2 (0x7E) to the time delay block (APHCAL[6:0]), thus
reducing the amount of time delay by 4.8 μs or equivalently,
360° × 4.8 μs × 60 Hz = 0.104° at 60 Hz.
Figure 54. Phase Response of the HPF and Phase Compensation
(40 Hz to 70 Hz)
44
56
54
52
50
48
46
0.10
0.08
0.06
0.04
0.02
0
–0.02
FREQUENCY (Hz)
0
100
200
300
400
500
600
700
800
1k
900
90
0
10
20
30
40
50
60
70
80
FREQUENCY (Hz)
Figure 55. Phase Response of HPF and Phase Compensation
(44 Hz to 56 Hz)
Figure 53. Phase Response of the HPF and Phase Compensation
(10 Hz to 1 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com