Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7761
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7761_15 Datasheet HTML 7Page - Analog Devices ADE7761_15 Datasheet HTML 8Page - Analog Devices ADE7761_15 Datasheet HTML 9Page - Analog Devices ADE7761_15 Datasheet HTML 10Page - Analog Devices ADE7761_15 Datasheet HTML 11Page - Analog Devices ADE7761_15 Datasheet HTML 12Page - Analog Devices ADE7761_15 Datasheet HTML 13Page - Analog Devices ADE7761_15 Datasheet HTML 14Page - Analog Devices ADE7761_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADE7761
Rev. A | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CURRENT (% of Full Scale)
100.0
0.1
1.0
10.0
–1.0
1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
0
–0.6
–0.8
PF = 1
ON-CHIP REFERENCE
–40°C
+25°C
+85°C
Figure 4. Active Power Error as a Percentage of Reading with
Internal Reference
CURRENT (% of Full Scale)
100.0
0.1
1.0
10.0
–1.0
1.5
1.0
0.5
0
–0.5
PF = 0.5
ON-CHIP REFERENCE
–40°C; PF = 0.5
+25°C; PF = 1
+25°C; PF = 0.5
+85°C; PF = 0.5
Figure 5. Active Power Error as a Percentage of Reading over
Power Factor with Internal Reference
CURRENT (% of Full Scale)
100.0
0.1
1.0
10.0
–1.0
1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
0
–0.6
–0.8
PF = 1
ON-CHIP REFERENCE
5.25V
5.00V
4.75V
Figure 6. Active Power Error as a Percentage of Reading
over Power Supply with Internal Reference
CURRENT (% of Full Scale)
100.0
0.1
1.0
10.0
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
ON-CHIP REFERENCE
+85°C
+25°C
–40°C
Figure 7. Ampere Hour Error as a Percentage of Reading in
Missing Neutral Mode with Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com