Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7761
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7761_15 Datasheet HTML 9Page - Analog Devices ADE7761_15 Datasheet HTML 10Page - Analog Devices ADE7761_15 Datasheet HTML 11Page - Analog Devices ADE7761_15 Datasheet HTML 12Page - Analog Devices ADE7761_15 Datasheet HTML 13Page - Analog Devices ADE7761_15 Datasheet HTML 14Page - Analog Devices ADE7761_15 Datasheet HTML 15Page - Analog Devices ADE7761_15 Datasheet HTML 16Page - Analog Devices ADE7761_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADE7761
Rev. A | Page 13 of 28
OPERATION
POWER SUPPLY MONITOR
The ADE7761 contains an on-chip power supply monitor. The
power supply (VDD) is continuously monitored by the ADE7761.
If the supply is less than 4 V ± 5%, the ADE7761 goes into an
inactive state, that is, no energy is accumulated and the CF, F1,
and F2 outputs are disabled. This is useful to ensure correct
device operation at power-up and during power-down. The
power supply monitor has built-in hysteresis and filtering. This
gives a high degree of immunity to false triggering due to noisy
supplies.
The power supply and decoupling for the part should be such
that the ripple at VDD does not exceed 5 V ± 5% as specified for
normal operation.
ADE7761
REVP - FAULT - CF -
F1 - F2 OUTPUTS
INACTIVE
ACTIVE
TIME
INACTIVE
VDD
5V
4V
0V
Figure 9. On-Chip Power Supply Monitoring
ANALOG INPUTS
Channel V1 (Current Channel)
The voltage outputs from the current transducers are connected
to the ADE7761 here. Channel V1 has two voltage inputs, V1A
and V1B. These inputs are fully differential with respect to V1N.
However, at any one time, only one is selected to perform the
power calculation (see the Fault Detection section).
The maximum peak differential signal on V1A–V1N and V1B–V1N
is ±660 mV.
Figure 10 shows the maximum signal levels on V1A, V1B, and V1N.
The differential voltage signal on the inputs must be referenced
to a common mode (usually AGND).
VCM
+660mV + VCM
–660mV + VCM
DIFFERENTIAL INPUT B
±660mV MAX PEAK
V1B
V1N
V1A
V1
V1
VCM
COMMON MODE
±100mV MAX
DIFFERENTIAL INPUT A
±660mV MAX PEAK
AGND
V1A, V1B
Figure 10. Maximum Signal Levels, Channel 1
Channel V2 (Voltage Channel)
The output of the line voltage transducer is connected to the
ADE7761 at this analog input. Channel V2 is a single-ended
voltage input. The maximum peak differential signal on
Channel 2 is ±660 mV with respect to V2N. Figure 11 shows the
maximum signal levels that can be connected to Channel 2.
VCM
+660mV + VCM
–660mV + VCM
COMMON MODE
±100mV MAX
V2N
V2P
VCM
V2
DIFFERENTIAL INPUT
±660mV MAX PEAK
V2
Figure 11. Maximum Signal Levels, Channel 2
The differential voltage V2P–V2N must be referenced to a
common mode (usually AGND). The analog inputs of the
ADE7761 can be driven with common-mode voltages of up to
100 mV with respect to AGND. However, the best results are
achieved using a common mode equal to AGND.
MISCAL Input
The input for the power calibration in missing neutral mode is
connected to the ADE7761 at this analog input. MISCAL is a
single-ended voltage input. It is recommended to use a dc signal
derived from the voltage reference to drive this pin. The maxi-
mum peak differential signal on MISCAL is +660 mV with
respect to V2N. Figure 12 shows the maximum signal levels that
can be connected to the MISCAL pin.
VCM
+660mV + VCM
COMMON MODE
±100mV MAX
V2N
MISCAL
VCM
MISCAL
DIFFERENTIAL INPUT
±660mV MAX PEAK
MISCAL
AGND
Figure 12. Maximum Signal Levels, MISCAL
The differential voltage MISCAL–V2N must be referenced to a
common mode (usually AGND). The analog inputs of the
ADE7761 can be driven with common-mode voltages of up to
100 mV with respect to AGND. However, best results are
achieved using a common mode equal to AGND.
Typical Connection Diagrams
Figure 13 shows a typical connection diagram for Channel V1.
The analog inputs are being used to monitor both the phase
and neutral currents. Because of the large potential difference
between the phase and neutral, two current transformers (CTs)
must be used to provide the isolation. Note that both CTs are
referenced to analog ground (AGND); the common-mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com