Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE7761
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE7761_15 Datasheet HTML 19Page - Analog Devices ADE7761_15 Datasheet HTML 20Page - Analog Devices ADE7761_15 Datasheet HTML 21Page - Analog Devices ADE7761_15 Datasheet HTML 22Page - Analog Devices ADE7761_15 Datasheet HTML 23Page - Analog Devices ADE7761_15 Datasheet HTML 24Page - Analog Devices ADE7761_15 Datasheet HTML 25Page - Analog Devices ADE7761_15 Datasheet HTML 26Page - Analog Devices ADE7761_15 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADE7761
Rev. A | Page 23 of 28
APPLICATIONS
INTERFACING TO A MICROCONTROLLER FOR
ENERGY MEASUREMENT
The easiest way to interface the ADE7761 to a microcontroller
is to use the CF high frequency output with the output
frequency scaling set to 2048 × F1, F2. This is done by setting
SCF = 0 and S0 = S1 = 1 (see Table 7). With full-scale ac signals
on the analog inputs, the output frequency on CF is approxi-
mately 5.5 kHz. Figure 33 illustrates one scheme that could be
used to digitize the output frequency and carry out the
necessary averaging mentioned in the previous section.
TIME
±10%
AVERAGE
FREQUENCY
CF
FREQUENCY
RIPPLE
MCU
UP/DOWN
COUNTER
LOGIC
CF
REVP*
ADE7761
FAULT**
*REVP MUST BE USED IF THE METER IS BIDIRECTIONAL OR
DIRECTION OF ENERGY FLOW IS NEEDED.
**FAULT MUST BE USED TO RECORD ENERGY IN FAULT CONDITION.
Figure 33. Interfacing the ADE7761 to an MCU
As shown, the frequency output CF is connected to an MCU
counter or port, which counts the number of pulses in a given
integration time, determined by an MCU internal timer. The
average power, proportional to the average frequency, is given
by
Timer
Counter
Power
Active
Average
Frequency
Average
=
=
The energy consumed during an integration period is given by
Counter
Time
Time
Counter
Time
Power
Average
Energy
=
×
=
×
=
For the purpose of calibration, this integration time could be
10 s to 20 s in order to accumulate enough pulses to ensure
correct averaging of the frequency. In normal operation, the
integration time could be reduced to 1 s or 2 s depending, for
example, on the required update rate of a display. With shorter
integration times on the MCU, the amount of energy in each
update may still have a small amount of ripple, even under
steady load conditions. However, over a minute or more, the
measured energy has no ripple.
SELECTING A FREQUENCY FOR AN ENERGY
METER APPLICATION
As shown in Table 5, the user can select one of four frequencies.
This frequency selection determines the maximum frequency
on F1 and F2. These outputs are intended to be used to drive the
energy register (electromechanical or other). Because only four
different output frequencies can be selected, the available
frequency selection has been optimized for a meter constant of
100 impulses/kWh with a maximum current of between 10 A
and 120 A. Table 8 shows the output frequency for several
maximum currents (IMAX) with a line voltage of 240 V. In all
cases, the meter constant is 100 impulses/kWh.
Table 8. F1 and F2 Frequency at 100 Impulses/kWh
IMAX (A)
F1 and F2 (Hz)
12.5
0.083
25
0.166
40
0.266
60
0.4
80
0.533
120
0.8
The F1–4 frequencies allow complete coverage of this range of
output frequencies on F1 and F2. When designing an energy
meter, the nominal design voltage on Channel 2 (voltage)
should be set to half-scale to allow for calibration of the meter
constant. The current channel should also be no more than half-
scale when the meter sees maximum load, which accommodates
overcurrent signals and signals with high crest factors. Table 9
shows the output frequency on F1 and F2 when both analog
inputs are half-scale. The frequencies listed in Table 9 align well
with those listed in Table 8 for maximum load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com