Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF4113EBZ2 Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADF4113EBZ2
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EBZ2 Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADF4113EBZ2 Datasheet HTML 1Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 2Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 3Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 4Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 5Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 6Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 7Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 8Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADF4110/ADF4111/ADF4112/ADF4113
Data Sheet
Rev. F | Page 4 of 28
Parameter
B Version
B Chips1
Unit
Test Conditions/Comments
POWER SUPPLIES
AVDD
2.7/5.5
2.7/5.5
V min/V max
DVDD
AVDD
AVDD
VP
AVDD/6.0
AVDD/6.0
V min/V max
AVDD ≤ VP ≤ 6.0 V. See
Figure 25 and Figure 26.
IDD5 (AIDD + DIDD)
ADF4110
5.5
4.5
mA max
4.5 mA typical.
ADF4111
5.5
4.5
mA max
4.5 mA typical.
ADF4112
7.5
6.5
mA max
6.5 mA typical.
ADF4113
11
8.5
mA max
8.5 mA typical.
IP
0.5
0.5
mA max
TA = 25°C.
Low Power Sleep Mode
1
1
µA typ
NOISE CHARACTERISTICS
ADF4113 Normalized Phase Noise Floor6
−215
−215
dBc/Hz typ
Phase Noise Performance7
@ VCO output.
ADF4110: 540 MHz Output8
−91
−91
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4111: 900 MHz Output9
−87
−87
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4112: 900 MHz Output9
−90
−90
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4113: 900 MHz Output9
−91
−91
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4111: 836 MHz Output10
−78
−78
dBc/Hz typ
@ 300 Hz offset and 30 kHz PFD frequency.
ADF4112: 1750 MHz Output11
−86
−86
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4112: 1750 MHz Output12
−66
−66
dBc/Hz typ
@ 200 Hz offset and 10 kHz PFD frequency.
ADF4112: 1960 MHz Output13
−84
−84
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4113: 1960 MHz Output13
−85
−85
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency.
ADF4113: 3100 MHz Output14
−86
−86
dBc/Hz typ
@ 1 kHz offset and 1 MHz PFD frequency.
Spurious Signals
ADF4110: 540 MHz Output9
−97/−106
−97/−106
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4111: 900 MHz Output9
−98/−110
−98/−110
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4112: 900 MHz Output9
−91/−100
−91/−100
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4113: 900 MHz Output9
−100/−110
−100/−110
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4111: 836 MHz Output10
−81/−84
−81/−84
dBc typ
@ 30 kHz/60 kHz and 30 kHz PFD frequency.
ADF4112: 1750 MHz Output11
−88/−90
−88/−90
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4112: 1750 MHz Output12
−65/−73
−65/−73
dBc typ
@ 10 kHz/20 kHz and 10 kHz PFD frequency.
ADF4112: 1960 MHz Output13
−80/−84
−80/−84
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4113: 1960 MHz Output13
−80/−84
−80/−84
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency.
ADF4113: 3100 MHz Output14
−80/−82
−82/−82
dBc typ
@ 1 MHz/2 MHz and 1 MHz PFD frequency.
1
The B chip specifications are given as typical values.
2
This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency that
is less than this value.
3
AC coupling ensures AVDD/2 bias. See Figure 33 for a typical circuit.
4
Guaranteed by design.
5
TA = 25°C; AVDD = DVDD = 3 V; P = 16; SYNC = 0; DLY = 0; RFIN for ADF4110 = 540 MHz; RFIN for ADF4111, ADF4112, ADF4113 = 900 MHz.
6
The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO, PNTOT, and subtracting 20logN (where N is the N divider
value) and 10logFPFD: PNSYNTH = PNTOT – 10logFPFD – 20logN.
7
The phase noise is measured with the EV-ADF411XSD1Z evaluation board and the HP8562E spectrum analyzer. The spectrum analyzer provides the REFIN for the
synthesizer (fREFOUT = 10 MHz @ 0 dBm). SYNC = 0; DLY = 0 (Table 7).
8
fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 540 MHz; N = 2700; loop B/W = 20 kHz.
9
fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 900 MHz; N = 4500; loop B/W = 20 kHz.
10
fREFIN = 10 MHz; fPFD = 30 kHz; offset frequency = 300 Hz; fRF = 836 MHz; N = 27867; loop B/W = 3 kHz.
11
fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 1750 MHz; N = 8750; loop B/W = 20 kHz
12
fREFIN = 10 MHz; fPFD = 10 kHz; offset frequency = 200 Hz; fRF = 1750 MHz; N = 175000; loop B/W = 1 kHz.
13
fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 1960 MHz; N = 9800; loop B/W = 20 kHz.
14
fREFIN = 10 MHz; fPFD = 1 MHz; offset frequency = 1 kHz; fRF = 3100 MHz; N = 3100; loop B/W = 20 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com