Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF4113EBZ2 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADF4113EBZ2
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EBZ2 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADF4113EBZ2 Datasheet HTML 1Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 2Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 3Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 4Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 5Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 6Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 7Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 8Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RF PLL Frequency Synthesizers
Data Sheet
ADF4110/ADF4111/ADF4112/ADF4113
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
ADF4110: 550 MHz; ADF4111: 1.2 GHz; ADF4112: 3.0 GHz;
ADF4113: 4.0 GHz
2.7 V to 5.5 V power supply
Separate charge pump supply (VP) allows extended tuning
voltage in 3 V systems
Programmable dual-modulus prescaler 8/9, 16/17, 32/33,
64/65
Programmable charge pump currents
Programmable antibacklash pulse width
3-wire serial interface
Analog and digital lock detect
Hardware and software power-down mode
APPLICATIONS
Base stations for wireless radio (GSM, PCS, DCS, CDMA,
WCDMA)
Wireless handsets (GSM, PCS, DCS, CDMA, WCDMA)
Wireless LANS
Communications test equipment
CATV equipment
GENERAL DESCRIPTION
The ADF4110 family of frequency synthesizers can be used to
implement local oscillators in the upconversion and downcon-
version sections of wireless receivers and transmitters. They
consist of a low noise digital PFD (phase frequency detector), a
precision charge pump, a programmable reference divider,
programmable A and B counters, and a dual-modulus prescaler
(P/P + 1). The A (6-bit) and B (13-bit) counters, in conjunction
with the dual-modulus prescaler (P/P + 1), implement an N
divider (N = BP + A). In addition, the 14-bit reference counter
(R counter) allows selectable REFIN frequencies at the PFD
input. A complete phase-locked loop (PLL) can be implemented
if the synthesizer is used with an external loop filter and voltage
controlled oscillator (VCO).
Control of all the on-chip registers is via a simple 3-wire
interface. The devices operate with a power supply ranging
from 2.7 V to 5.5 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
N = BP + A
FUNCTION
LATCH
PRESCALER
P/P +1
13-BIT
B COUNTER
6-BIT
A COUNTER
14-BIT
R COUNTER
24-BIT
INPUT REGISTER
R COUNTER
LATCH
A, B COUNTER
LATCH
PHASE
FREQUENCY
DETECTOR
AVDD
SDOUT
19
13
14
22
SDOUT
FROM
FUNCTION
LATCH
DGND
AGND
CE
RFINA
RFINB
LE
DATA
CLK
REFIN
CPGND
VP
DVDD
AVDD
LOCK
DETECT
ADF4110/ADF4111
ADF4112/ADF4113
6
LOAD
LOAD
REFERENCE
CHARGE
PUMP
M3
M2 M1
HIGH Z
MUX
MUXOUT
CP
RSET
CURRENT
SETTING 2
CPI3 CPI2 CPI1 CPI6 CPI5 CPI4
CURRENT
SETTING 1
Figure 1. Functional Block Diagram


Similar Part No. - EVAL-ADF4113EBZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4113EBZ2 AD-EVAL-ADF4113EBZ2 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
More results

Similar Description - EVAL-ADF4113EBZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com