Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF4113EBZ2 Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADF4113EBZ2
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EBZ2 Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADF4113EBZ2 Datasheet HTML 6Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 7Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 8Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 9Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 10Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 11Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 12Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 13Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADF4110/ADF4111/ADF4112/ADF4113
Data Sheet
Rev. F | Page 10 of 28
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY OFFSET FROM 3100MHz CARRIER (Hz)
103
102
104
105
106
RMS NOISE = 1.7°
RL = 40dBc/Hz
Figure 17. ADF4113 Integrated Phase Noise
(3100 MHz, 1 MHz, 100 kHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2.0MHz
–1.0MHz
3100MHz
1.0MHz
2.0MHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 13s
AVERAGES = 1
REFERENCE
LEVEL = –17.2dBm
–80.6dBc/Hz
Figure 18. Reference Spurs (3100 MHz, 1 MHz, 100 kHz)
–180
–170
–160
–150
–140
–130
–120
PHASE DETECTOR FREQUENCY (kHz)
10
1
100
1000
10000
VDD = 3V
VP = 5V
Figure 19. ADF4113 Phase Noise (Referred to CP Output)
vs. Phase Detector Frequency
–100
–90
–80
–70
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD = 3V
VP = 3V
Figure 20. ADF4113 Phase Noise vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
–100
–90
–80
–70
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD = 3V
VP = 5V
Figure 21. ADF4113 Reference Spurs vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
–105
–95
–85
–75
–65
–55
–45
–35
–25
–15
–5
0
1
2
3
4
5
TUNING VOLTAGE (V)
VDD = 3V
VP = 5V
Figure 22. ADF4113 Reference Spurs (200 kHz) vs. VTUNE
(900 MHz, 200 kHz, 20 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com