Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0082AS2 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP0082AS2
Description  Quad Power Drivers with Serial Diagnostic Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0082AS2 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP0082AS2 Datasheet HTML 1Page - Intersil Corporation HIP0082AS2 Datasheet HTML 2Page - Intersil Corporation HIP0082AS2 Datasheet HTML 3Page - Intersil Corporation HIP0082AS2 Datasheet HTML 4Page - Intersil Corporation HIP0082AS2 Datasheet HTML 5Page - Intersil Corporation HIP0082AS2 Datasheet HTML 6Page - Intersil Corporation HIP0082AS2 Datasheet HTML 7Page - Intersil Corporation HIP0082AS2 Datasheet HTML 8Page - Intersil Corporation HIP0082AS2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
OPEN LOAD DETECTION
Output ON Resistance in
High rDS(ON) Open-Load
Detection Mode
rDS(ON)1OL
rDS(ON)2OL
Outputs 1 and 2, One Output ON,
IOUT = 10mA, TJ = 150
oC
-
-
6.2
N/A
Ω
rDS(ON)3OL
rDS(ON)4OL
Outputs 3 and 4, One Output ON,
IOUT = 10mA, TJ = 150
oC
-
-
5.7
Ω
Max. Output Current in High
rDS(ON) Mode
IOL(MAX)
90
-
180
mA
Min. Output Current in Low
rDS(ON) Normal Mode
(Hysteresis Range)
IO(HYS)
0.25 x
IOL
(MAX)
-
0.95 x
IOL
(MAX)
NA
mA
Open-Load Fault Threshold
IOLF
(ISC Bit is set in Fault Register)
3
-
20
15
60
100
mA
Open-Load Detection Pull-up
Resistance
ROL
2
-
6.5
NA
k
Ω
Open-Load Delay Time
after INx H
→L
tDOLL
Td_OLx Bit = Low
3
-
5.2
3
-
5.2
ms
Open-Load Delay Time
after INx H
→L
tDOLH
Td_OLx Bit = High (Note 10)
340
-
580
340
-
580
µs
Open Load Filter Time
tOL
150
-
252
150
-
252
µs
OVER TEMPERATURE AND SHORT CIRCUIT PROTECTION
Over Temperature Detection
Threshold
TTMP
155
-
165
155
-
165
ο
C
Output Short-to-Gnd
Threshold
VSG
2.4
-
2.9
2.4
2.6
2.9
V
Short-to-GND Filter Time
tSG
150
-
252
150
-
252
µs
SERIAL INTERFACE
(Figure 3) CEXT = 50pF
Serial Clock Frequency
fCLK
50% Duty Cycle
-
-
3
-
-
3
MHz
Propagation Delay CLK to
Data Valid
tPCLKDV
-
-
150
-
-
150
ns
Setup Time, CS to CLK
tCSLCLK
150
-
-
150
-
-
ns
CS Low to Data Valid
tCSLDV
-
-
100
-
-
100
ns
Hold Time CS after CLK
tCLKCSH
150
-
-
150
-
-
ns
CS High to Output High Z
tCSHDZ
-
-
100
-
-
100
ns
Minimum Time CLK = High
tCLKH
100
-
-
100
-
-
ns
Minimum Time CLK = Low
tCLKL
100
-
-
100
-
-
ns
Setup Time R/W Low to CLK
tRWLCLK
150
-
-
150
-
-
ns
R/W Low to Output High Z
tRWLDZ
-
-
100
-
-
100
ns
Setup Time Data Valid to
CLK Low
tDVCLKL
20
-
-
20
-
-
ns
Setup Time R/W High to CLK
tRWHCLK
100
-
-
100
-
-
ns
Time R/W High to Data Valid
tRWHDV
-
-
100
-
-
100
ns
NOTES:
8. Each Output has Over Current Shutdown protection in the positive current direction. The maximum peak current rating is set equal to the
minimum Over Current Shutdown as detailed in the Electrical Specification Table. In the event of an Over Current Shutdown the input
drive is latched OFF. The output short must be removed and the input toggled OFF and ON to restore the output drive.
9. The “Low VCC Shutdown” is an internal control that switches off all power drive stages when VCC is less than VCC(LOW).
10. Measurement includes the Filter Time.
Electrical Specifications
VCC = 5V ±10%, TA = -40
oC to 125oC; Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
HIP0082
HIP0084
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
HIP0082, HIP0084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com