Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0082AS2 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP0082AS2
Description  Quad Power Drivers with Serial Diagnostic Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0082AS2 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP0082AS2 Datasheet HTML 4Page - Intersil Corporation HIP0082AS2 Datasheet HTML 5Page - Intersil Corporation HIP0082AS2 Datasheet HTML 6Page - Intersil Corporation HIP0082AS2 Datasheet HTML 7Page - Intersil Corporation HIP0082AS2 Datasheet HTML 8Page - Intersil Corporation HIP0082AS2 Datasheet HTML 9Page - Intersil Corporation HIP0082AS2 Datasheet HTML 10Page - Intersil Corporation HIP0082AS2 Datasheet HTML 11Page - Intersil Corporation HIP0082AS2 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
HIP0082, HIP0084
Single-In-Line Plastic Packages (SIP)
D
SEE TAB
DETAIL
E1
TERMINAL
#1
TERMINAL
N
E
A
L1
L
F
TYP ALL LEADS
TAB DETAIL
R1
-Y-
-Z-
3
e2
-X-
e1
e
B
0.010(0.25)
Z
X
M
M
Y M
0.024(0.61)
Z
M
C
E2
ØP
Ø 0.015(0.38)
Z
X
M
S
NOTES:
1. Refer to series symbol list, JEDEC Publication No. 95.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1982.
3. N is the number of terminals.
4. Controlling dimension: INCH.
HL
H
H
H
H
H
H
H
H
L
L
L
L
L
L
L
e3
Z15.05A (JEDEC MO-048 AB ISSUE A)
15 LEAD PLASTIC SINGLE-IN-LINE PACKAGE STAGGERED
VERTICAL LEAD FORM
SYMBOL
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.172
0.182
4.37
4.62
B
0.024
0.031
0.61
0.79
C
0.014
0.024
0.36
0.61
D
0.778
0.798
19.76
20.27
E
0.684
0.694
17.37
17.63
E1
0.416
0.426
10.57
10.82
E2
0.110 BSC
2.79 BSC
e
0.050 BSC
1.27 BSC
e1
0.200 BSC
5.08 BSC
e2
0.169 BSC
4.29 BSC
e3
0.700 BSC
17.78 BSC
F
0.057
0.063
1.45
1.60
L
0.150
0.176
3.81
4.47
L1
0.690
0.710
17.53
18.03
N15
15
ØP
0.148
0.152
3.76
3.86
R1
0.065
0.080
1.65
2.03
Rev. 1 4/98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com