Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0082AS2 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP0082AS2
Description  Quad Power Drivers with Serial Diagnostic Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0082AS2 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP0082AS2 Datasheet HTML 4Page - Intersil Corporation HIP0082AS2 Datasheet HTML 5Page - Intersil Corporation HIP0082AS2 Datasheet HTML 6Page - Intersil Corporation HIP0082AS2 Datasheet HTML 7Page - Intersil Corporation HIP0082AS2 Datasheet HTML 8Page - Intersil Corporation HIP0082AS2 Datasheet HTML 9Page - Intersil Corporation HIP0082AS2 Datasheet HTML 10Page - Intersil Corporation HIP0082AS2 Datasheet HTML 11Page - Intersil Corporation HIP0082AS2 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
There is no need in normal operation to read the Direct
Comparator output bits, except to directly read the fault state
when CS goes low or to cross-check on the filtered OL and
SG fault data. If the Direct Comparator data is ignored, then
only 16 bits of SPI data is read. In this case the last 3 bits in
the 16 bit sequence is the first 3 bits of Direct Comparator
data which can be ignored.
Data read from a SPI interface starts with the first clock
pulse. The CS and R/W inputs cannot be changed while
reading data from the shift register. And, as noted, an inter-
nal low on the shift register input causes low data bits to fol-
low the 21 bits of diagnostic data.
While the Write/Store operation calls for 6 bits of data, a SPI
write will output 8 bits. The first 2 bits transmitted should be
dummy bits. The 3-bit is the Test bit which should be low for
normal operation. The Test bit is used to facilitate testing in
the manufacturing process and is not recommended for
other use. The 6 programmable bits are described in the
section on Diagnostic Write Operation.
Pin Descriptions
VCC and GND - 5V Supply and Ground connections. A
charge pump is used to boost the Power MOSFET gate
drive. This allows a single 5V supply to satisfy all logic and
drive requirements.
OUT1 - OUT4 - Low-side output drivers with 0.62
Ω (OUT1
and OUT2) or 0.57
Ω (OUT3 and OUT4) on resistance. The
outputs are provided with over current shutdown and over
voltage clamping. Additionally, open-load and short-to-
ground detection is carried out when the outputs are ON.
IN1 - IN4 - Active-low CMOS logic inputs which control the
output stages OUT1 - OUT4. These inputs are provided with
pull-up resistors.
RST - Active-low logic-level reset input with internal pull-up
resistor.
CLK - Clock input for synchronous serial interface with inter-
nal pull-up resistor. This input must be high when CS transi-
tions from high to low.
CS - Active-low chip select input for serial interface. This
input has an internal pull-up resistor.
R/W - Read/write control pin for serial interface. This input
controls whether the TXD pin is an input or output. This input
has an internal pull-up resistor.
TXD - Bidirectional data pin for serial interface. When R/Wis
high diagnostic data can be read from HIP0082. When R/W
is low, 6 bits may be written to the internal program register.
FIGURE 2. SERIAL INTERFACE TIMING DIAGRAM
CLK
CS
R/W
TXD
fCLK
tCLKL
tCLKH
ZZZZZ
ZZ
tCSLDV
tRWLCLK
tCSLCLK
tRWLDZ
tDVCLKL
tRWHDV
tpCLKD
tRWHCLK
tCSHDZ
tCLKCSH
ZZ = HIGH IMPEDANCE
FIGURE 3. SERIAL INTERFACE WRITE OPERATION
CS
R/W
TXD
ZZZZ
FSB
T
d_OL1
T
d_OL2
T
d_OL3
T
d_OL4
TEST
ISC
ZZZZ
CLK
HIP0082, HIP0084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com