Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP1012
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP1012 Datasheet HTML 1Page - Intersil Corporation HIP1012 Datasheet HTML 2Page - Intersil Corporation HIP1012 Datasheet HTML 3Page - Intersil Corporation HIP1012 Datasheet HTML 4Page - Intersil Corporation HIP1012 Datasheet HTML 5Page - Intersil Corporation HIP1012 Datasheet HTML 6Page - Intersil Corporation HIP1012 Datasheet HTML 7Page - Intersil Corporation HIP1012 Datasheet HTML 8Page - Intersil Corporation HIP1012 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
File Number
4419.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
Hot Plug™ is a trademark of Core International, Inc.
HIP1012, HIP1012A
Dual Power Distribution Controller
The HIP1012 is a HOT SWAP dual supply power distribution
controller. Two external N-Channel MOSFETs are driven to
distribute power while providing load fault isolation.
At turn-on, the gate of each external N-Channel MOSFET is
charged with a 10
µA current source. Capacitors on each
gate (see the Typical Application Diagram), create a
programmable ramp (soft turn-on) to control inrush currents.
A built in charge pump supplies the gate drive for the 12V
supply N-Channel MOSFET switch.
Over current protection is facilitated by two external current
sense resistors. When the current through either resistor
exceeds the user programmed value the controller enters the
current regulation mode. The time-out capacitor, CTIM, starts
charging as the controller enters the time out period. Once
CTIM charges to a 2V threshold, the N-Channel MOSFETs
are latched off. In the event of a fault at least three times the
current limit level, the N-Channel MOSFET gates are pulled
low immediately before entering time out period. The
controller is reset by a rising edge on either PWRON pin.
Choosing the voltage selection mode the HIP1012 controls
either +12V/5V or +3.3V/+5V supplies.
For those applications where voltage tolerance is a concern
the HIP1012A has a minimum nominal over current threshold
voltage of 50mV as compared to 100mV for the HIP1012.
Features
• HOT SWAP Dual Power Distribution Control for +5V and
+12V or +5V and +3.3V
• Provides Fault Isolation
• Programmable Current Regulation Level
• Programmable Time Out
• Charge Pump Allows the Use of N-Channel MOSFETs
• Power Good and Over Current Latch Indicators
• Enhanced Over Current Sensitivity Available
• Redundant Power On Controls
• Adjustable Turn-On Ramp
• Protection During Turn-On
• Two Levels of Current Limit Detection Provide Fast
Response to Varying Fault Conditions
• Less Than 1
µs Response Time to Dead Short
•3
µs Response Time to 200% Current Overshoot
Applications
• Redundant Array of Independent Disks (RAID) System
• Power Distribution Control
• Hot Plug™, Hot Swap Components
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP1012CB
HIP1012ACB
-0 to 70
14 Ld SOIC
M14.15
HIP1012CB-T
HIP1012ACB-T
-0 to 70
14 Ld SOIC
Tape and Reel
M14.15
Pinout
HIP1012 (SOIC)
TOP VIEW
Typical Application Diagram
8
9
10
11
12
14
13
7
6
5
4
3
2
1
3/12VS
3/12VG
VDD
PWRON2
5VG
5VS
3/12VISEN
GND
CPUMP
CTIM
RILIM
PGOOD
5VISEN
MODE/
PWRON1
3/12VS
3/12VG
M/PON1
PWRON2
PGOOD
5VG
5VS
3/12VISEN
GND
CTIM
RILIM
CPUMP
5ISEN
VDD
HIP1012
12V
RLOAD
RILIM
CTIM
POWER ON
INPUTS
CPUMP
RSENSE
5V
RLOAD
RSENSE
5V OR 3.3V
OPTIONAL
RFILTER
CFILTER
VDD
RGATE
CGATE
CGATE
RGATE
Data Sheet
November 1999


Similar Part No. - HIP1012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1012A INTERSIL-HIP1012A Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
logo
Renesas Technology Corp
HIP1012A RENESAS-HIP1012A Datasheet
864Kb / 15P
Dual Power Distribution Controller
logo
Intersil Corporation
HIP1012ACB INTERSIL-HIP1012ACB Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
logo
Renesas Technology Corp
HIP1012ACB RENESAS-HIP1012ACB Datasheet
864Kb / 15P
Dual Power Distribution Controller
logo
Intersil Corporation
HIP1012ACBZA INTERSIL-HIP1012ACBZA Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
More results

Similar Description - HIP1012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1013 INTERSIL-HIP1013 Datasheet
51Kb / 7P
Low Cost Dual Power Distribution Controller
May 1999
HIP1012A INTERSIL-HIP1012A_04 Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
HIP1013 INTERSIL-HIP1013_04 Datasheet
206Kb / 8P
Low Cost Dual Power Distribution Controller
August 2004
ISL6161 INTERSIL-ISL6161 Datasheet
221Kb / 11P
Dual Power Distribution Controller
October 2, 2008
logo
Anpec Electronics Corop...
APL3540 ANPEC-APL3540 Datasheet
313Kb / 19P
High-Side Power Distribution Controller
logo
Intersil Corporation
ISL6161IBZA INTERSIL-ISL6161IBZA Datasheet
218Kb / 11P
Dual Power Distribution Controller
October 2, 2008
logo
Renesas Technology Corp
HIP1012A RENESAS-HIP1012A Datasheet
864Kb / 15P
Dual Power Distribution Controller
HIP1013 RENESAS-HIP1013 Datasheet
423Kb / 7P
Low Cost Dual Power Distribution Controller
logo
Anpec Electronics Corop...
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
High-Side Power Distribution Controller
logo
Renesas Technology Corp
ISL6161 RENESAS-ISL6161 Datasheet
691Kb / 14P
Dual Power Distribution Controller
Aug 16, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com