Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP1012
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP1012 Datasheet HTML 1Page - Intersil Corporation HIP1012 Datasheet HTML 2Page - Intersil Corporation HIP1012 Datasheet HTML 3Page - Intersil Corporation HIP1012 Datasheet HTML 4Page - Intersil Corporation HIP1012 Datasheet HTML 5Page - Intersil Corporation HIP1012 Datasheet HTML 6Page - Intersil Corporation HIP1012 Datasheet HTML 7Page - Intersil Corporation HIP1012 Datasheet HTML 8Page - Intersil Corporation HIP1012 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Simplified Schematic
2V
VDD
12VG
12VS
12ISEN
5VG
5VS
5ISEN
GND
PWRON1
CTIM
PGOOD
RILIM
CPUMP
PWRON2
QPUMP
100
µA
RISING
ENABLE
VDD
R
R
S
QN
Q
POR
CLIM
3X
ENABLE
OC
10
µA
OPTIONAL
FALLING
EDGE
DELAY
R
2R
EDGE
RESET
RFILTER
CFILTER
CPUMP
CTIM
RILIM
12V
TO LOAD
TO LOAD
OC
OPTIONAL
LATCH
12VIN
5VIN
10
µA
12V
HIP1012
CGATE 20Ω
CGATE
20
Ω
TO VDD
+
-
12V
+
-
RSENSE
+
-
PGOOD
+
-
CLIM
3X
ENABLE
OC
FALLING
EDGE
DELAY
R
2R
18V
+
-
18V
+
-
12V
RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com