Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012 Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP1012
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP1012 Datasheet HTML 7Page - Intersil Corporation HIP1012 Datasheet HTML 8Page - Intersil Corporation HIP1012 Datasheet HTML 9Page - Intersil Corporation HIP1012 Datasheet HTML 10Page - Intersil Corporation HIP1012 Datasheet HTML 11Page - Intersil Corporation HIP1012 Datasheet HTML 12Page - Intersil Corporation HIP1012 Datasheet HTML 13Page - Intersil Corporation HIP1012 Datasheet HTML 14Page - Intersil Corporation HIP1012 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
TABLE 5. HIP1012EVAL1 BOARD COMPONENT LISTING
COMPONENT
DESIGNATOR
COMPONENT NAME
COMPONENT DESCRIPTION
GENERIC BOARD
U1
HIP1012CB
Intersil Corporation, HIP1012CB Dual Power Controller
Q1, Q2
RF1K49156
Intersil Corporation, 30V, 30m
Ω, 6.3A Logic Level N-Channel
MOSFET
QxB and QxC
NOT PROVIDED
Mounting areas for additional 8 SOIC
, DPAK or D2PAK packaged
MOSFETs
R1
5V Sense Resistor
100m
Ω, 1%, Metal Strip current sensing resistor
R2
3.3V/12V Sense Resistor
20m
Ω, 1%, Metal Strip current sensing resistor
R3, R4
Loop compensation Resistors
20
Ω, Resistor in series with gate capacitor. This RC may be necessary
to provide current loop stability. Keep resistor < 50
Ω.
R5
Current Limit Set Resistor
10k
Ω, Current limit = ~10µA x (RILIM/ RSENSE).
R*
Isolation resistor (not provided, see Decoupling
Concerns in Critical Items section)
Add resistor (<50
Ω) to isolate VDD from load transients if necessary to
eliminate random VDD low reset. Cut short to install.
C3, C4
Gate Timing Capacitors
0.01
µF, 10µA charging I source provides slow ramp on of N-Channel
MOSFETs
C1
Charge Pump Capacitor
0.1
µF, Charge Pump Capacitor necessary for +12V and +5V
operation.
C2
Time-out Set Capacitor
0.047
µF, Provides ~9ms of time-out period prior to latch off during
which IOC can be resolved. The duration of current limit time-out (in
seconds) = 200k
Ω x CTIM (Farads).
C5
Vdd decoupling capacitor
0.1
µF, Provides VDD decoupling
JP1
JP2
JP3
JP4
Jumper to configure PWRON2
Jumper to configure VDD
Jumper to configure Charge Pump Cap
Jumper to configure PWRON1
See Table 3 for jumper configuration descriptions
LED1
Pgood indicator
Lit indicates a fault condition
W1
NOT PROVIDED
Tie point for dedicated +12V HIP1012 supply, use in default
configuration
TP1 - TP14
Test Points for HIP1012 pin 1 to pin 14
P1 - P2
Edge connector fingers
Modify edge connector finger lengths for power sequencing
LOAD BOARD
SW11 and RL1
5V high load (7
Ω)
Switch and load resistor pair to invoke high current load on 5V
SW12 and RL2
5V low load (10
Ω)
Switch and load resistor pair to invoke low current load on 5V
SW13 and RL3
3.3V high load (0.8
Ω)
Switch and load resistor pair to invoke high current load on 3.3V
SW14 and RL4
3.3V low load (1.6
Ω)
Switch and load resistor pair to invoke low current load on 3.3V
LED2, LED3
Load “HOT” indicators
Lit indicates N-Channel MOSFETs are on and loads are HOT
BUS BOARD
Bus interconnect board
HIP1012, HIP1012A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com