Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1031AS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP1031AS
Description  Half Amp High Side Driver with Overload Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1031AS Datasheet(HTML) 4 Page - Intersil Corporation

  HIP1031AS Datasheet HTML 1Page - Intersil Corporation HIP1031AS Datasheet HTML 2Page - Intersil Corporation HIP1031AS Datasheet HTML 3Page - Intersil Corporation HIP1031AS Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
HIP1031
Single-In-Line Plastic Packages (SIP)
H1
D
L1
L
e
e1
b
b1
A1
A
c
J1
E
3
60o
Q
2
14
5
ØP
Z5.067C (ALTERNATE VERSION)
5 LEAD PLASTIC SINGLE-IN-LINE PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.170
0.180
4.32
4.57
-
A1
0.048
0.052
1.22
1.32
3, 4
b
0.030
0.034
0.77
0.86
3, 4
b1
0.031
0.041
0.79
1.04
3, 4
c
0.018
0.022
0.46
0.55
3, 4
D
0.590
0.610
14.99
15.49
-
E
0.395
0.405
10.04
10.28
-
e
0.067 TYP
1.70 TYP
5
e1
0.268 BSC
6.80 BSC
5
H1
0.235
0.255
5.97
6.47
-
J1
0.095
0.105
2.42
2.66
6
L
0.530
0.550
13.47
13.97
-
L1
0.110
0.130
2.80
3.30
2
ØP
0.149
0.153
3.79
3.88
-
Q
0.105
0.115
2.66
2.92
-
Rev. 1 4/96
NOTES:
1. These dimensions are within allowable dimensions of Rev. A of
JEDEC TS-001AA outline dated 8-89.
2. Solder finish uncontrolled in this area.
3. Lead dimension (without solder).
4. Add typically 0.002 inches (0.05mm) for solder plating.
5. Position of lead to be measured 0.250 inches (6.35mm) from
bottom of dimension D.
6. Position of lead to be measured 0.100 inches (2.54mm) from
bottom of dimension D.
7. Controlling dimension: Inch.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com