Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1031AS Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP1031AS
Description  Half Amp High Side Driver with Overload Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1031AS Datasheet(HTML) 2 Page - Intersil Corporation

  HIP1031AS Datasheet HTML 1Page - Intersil Corporation HIP1031AS Datasheet HTML 2Page - Intersil Corporation HIP1031AS Datasheet HTML 3Page - Intersil Corporation HIP1031AS Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC. . . . . . . . . . . See O.V. Shutdown Limit, VOVSD
Input Voltage, VIN (Note 1) . . . . . . . . . . . . . . . . . . . . . . -0.8V to +7V
Load Current, IOUT . . . . . . . . . . . . . . . . . . . . . . . Internally Limiting
Load Dump (Survival) . . . . . . . . . . . . . . . . . . . . . . . . . .
±60VPEAK
Reverse Battery . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -16V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
Plastic SIP Package . . . . . . . . . . . . . .
50
4
Maximum Power Dissipation, (Note 3)
At TA = 125
oC, Infinite Heat Sink. . . . . . . . . . . . . . . . . . . . . 6.25W
Maximum Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . 150
oC
Maximum Storage Temperature Range . . . . . . . . . .-40oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The Input Control Voltage, VIN, may range from -0.85V to +7V for a VCC supply voltage of 0V to +25V.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
3. The worst case thermal resistance,
θJC for the SIP TS-001AA 5 pin package is 4oC/W. The calculation for dissipation and junction
temperature rise due to dissipation is:
PD = (VCC-VOUT)(IOUT) + (VCC)(ICCMAX - IOUT) or (VCC)(ICCMAX) - (VOUT)(IOUT)
TJ = TAMBIENT + (PD) (θJC) for an infinite Heat Sink.
Refer to Figure 1 for Derating based on Dissipation and Thermal Resistance. Derating from 150oC is based on the reciprocal of thermal
resistance,
θJC+θHS. For example: Where θJC = 4oC/W and given θHS = 6o/W as the thermal resistance of an external Heat Sink, the
junction-to-air thermal resistance,
θJA = 10oC/W. Therefore, for the maximum allowed dissipation, derate 0.1W/oC for each degree from
TAMB to the maximum rated junction temperature of 150
oC. If T
AMB = 100
oC, the maximum P
D is (150 - 100) x 0.1W/
oC = 5W.
Electrical Specifications
TA = -40οC to 125οC, VIN = 2V, VCC = +12V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
4.5
-
25
V
Over-Voltage Shutdown
VOVSD
RL = 1kΩ, VIN = 2V
26
33
38
V
Over-Temperature Limiting
TSD
-
150
-
oC
Negative Pulse
Output Clamp Voltage
VCL
ICL = -100mA, VCC = 4.5V to 25V,
VIN = 0.8V
(VCC - 62)
(VCC - 37)
(VCC - 28)
V
Short Circuit Current Limiting
ISC
(Note 4)
0.7
1.1
1.7
A
Input Control ON
VIH
2.0
-
-
V
Input Control OFF
VIL
-
-
0.8
V
Input Current High
IIH
VIN = 5.5V, VCC = 6V to 24
10
-
40
µA
Input Current Low
IIL
VIN = 0.8V, VCC = 6V to 24V
10
-
30
µA
Supply Current, Full Load,
Input Control ON
ICCMAX
VIN = 2V; IOUT = 0.55A
-
-
0.6
A
Supply Current, No Load,
Input Control OFF
ICCMIN
VIN = 0V; IOUT = 0A
-
55
150
µA
Input-Output Forward Voltage
Drop (VCC - VOUT)
VSAT
IOUT = 0.6A, VCC = 4.5V to 25V
-
-
1.0
V
Output Leakage
IOUT_LK
VIN = 0.8V, VCC = 6V to 24V
-
-
50
µA
Turn-On Time
tON
RL = 80Ω, TA = 125°C-
6
20
µs
Turn-OFF Time
tOFF
RL = 80Ω, TA = 125°C
-
17
65
µs
NOTE:
4. Short Circuit current will be reduced when Thermal Shutdown occurs. Testing of a short circuit current may require a short duration pulse.
HIP1031



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com