Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1031AS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP1031AS
Description  Half Amp High Side Driver with Overload Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1031AS Datasheet(HTML) 3 Page - Intersil Corporation

  HIP1031AS Datasheet HTML 1Page - Intersil Corporation HIP1031AS Datasheet HTML 2Page - Intersil Corporation HIP1031AS Datasheet HTML 3Page - Intersil Corporation HIP1031AS Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Typical Application
HIP1031 HIGH SIDE DRIVER
Typical Performance Curves
FIGURE 1. DISSIPATION DERATING CURVES
FIGURE 2. TYPICAL VSAT CHARACTERISTIC vs
TEMPERATURE
CURRENT
LIMIT
OVER-
VOLTAGE
THERMAL
LIMIT
VCC
VIN
NEG.
CLAMP
ZENER
RS
VOUT
2
SHUTDOWN
CONTROL
CIRCUIT
4
3
GND
GND
5
1
TAB
HIP1031
LOADS:
RELAYS
SOLENOIDS
LAMPS
MOTORS
LOGIC SWITCH
TO VIN
0.47
µF
POWER
SUPPLY
VCLAMP
GND
VOUT
VBATT
VSAT
VCL
CMOS/TTL
INPUT
TYPICAL
LOAD
125
16
14
12
10
8
6
4
2
0
-50
-25
0
25
50
75
100
150
AMBIENT TEMPERATURE (oC)
WITH EXT.
HEAT SINK)
WITH EXT. 6oC/W
HEAT SINK
HEAT SINK
(INFINITE
0oC/W
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE (oC)
HIP1031 VSAT WITH
125
20
Ω RESISTIVE LOAD
VSAT AT IOUT = 0.75A
VSAT AT IOUT = 0.25A
VSAT AT IOUT = 0.5A
HIP1031



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com