Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6002 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6002
Description  Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6002 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6002 Datasheet HTML 1Page - Intersil Corporation HIP6002 Datasheet HTML 2Page - Intersil Corporation HIP6002 Datasheet HTML 3Page - Intersil Corporation HIP6002 Datasheet HTML 4Page - Intersil Corporation HIP6002 Datasheet HTML 5Page - Intersil Corporation HIP6002 Datasheet HTML 6Page - Intersil Corporation HIP6002 Datasheet HTML 7Page - Intersil Corporation HIP6002 Datasheet HTML 8Page - Intersil Corporation HIP6002 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Typical Application
Block Diagram
+12V
+VOUT
PGND
HIP6002
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
SS
PGOOD
D/A
GND
OSC
LGATE
UGATE
OCSET
PHASE
BOOT
EN
VCC
VIN = +5V OR +12V
OVP
+
-
MONITOR AND
PROTECTION
+
-
D/A
CONVERTER
(DAC)
OSCILLATOR
SOFT-
START
REFERENCE
POWER-ON
RESET (POR)
115%
110%
90%
INHIBIT
PWM
COMPARATOR
ERROR
AMP
VCC
PGOOD
SS
PWM
OVP
RT
GND
VSEN
OCSET
VID0
VID1
VID2
VID3
FB
COMP
EN
DACOUT
OVER-
VOLTAGE
OVER-
CURRENT
GATE
CONTROL
LOGIC
BOOT
UGATE
LGATE
PHASE
PGND
200
µA
10
µA
4V
+
-
+
-
+
-
+
-
+
-
+
-
HIP6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com