Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6002 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6002
Description  Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6002 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6002 Datasheet HTML 1Page - Intersil Corporation HIP6002 Datasheet HTML 2Page - Intersil Corporation HIP6002 Datasheet HTML 3Page - Intersil Corporation HIP6002 Datasheet HTML 4Page - Intersil Corporation HIP6002 Datasheet HTML 5Page - Intersil Corporation HIP6002 Datasheet HTML 6Page - Intersil Corporation HIP6002 Datasheet HTML 7Page - Intersil Corporation HIP6002 Datasheet HTML 8Page - Intersil Corporation HIP6002 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +15V
Boot Voltage, VBOOT - VPHASE. . . . . . . . . . . . . . . . . . . . . . . . +15V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . +12V to ±10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . 0o to 70oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief 379 for details.
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
ICC
EN = VCC; UGATE and LGATE Open
-
5
-
mA
Shutdown Supply
EN = 0V
-
50
100
µA
POWER-ON RESET
Rising VCC Threshold
VOCSET = 4.5V
-
-
10.4
V
Falling VCC Threshold
VOCSET = 4.5V
8.2
-
-
V
Enable - Input threshold Voltage
VOCSET = 4.5V
0.8
-
2.0
V
Rising VOCSET Threshold
-
1.26
-
V
OSCILLATOR
Free Running Frequency
RT = OPEN
185
200
215
kHz
Programmable Variation
6k
Ω < RT to GND < 200kΩ
-15
-
+15
%
Ramp Amplitude
∆VOSC
RT = OPEN
-
1.9
-
VP-P
REFERENCE AND DAC
DACOUT Voltage Accuracy
-1.0
-
+1.0
%
ERROR AMPLIFIER
DC Gain
G0
-88-
dB
Gain-Bandwidth Product
GBW
-
15
-
MHz
Slew Rate
SR
COMP = 10pF
-
6
-
V/
µs
GATE DRIVERS
Upper Gate Source
IUGATE
VBOOT - VPHASE = 12V, VUGATE = 6V
350
500
-
mA
Upper Gate Sink
RUGATE
ILGATE = 0.3A
-
5.5
10
Ω
Lower Gate Source
ILGATE
VCC = 12V, VLGATE = 6V
300
450
-
mA
Lower Gate Sink
RLGATE
ILGATE = 0.3A
-
3.5
6.5
Ω
PROTECTION
Over-Voltage Trip
% Over Nominal DACOUT Voltage
-
115
120
%
OCSET Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
OVP Sourcing Current
IOVP
VSEN = 5.5V, VOVP = 0V
60
-
-
mA
Soft Start Current
ISS
-10-
µA
POWER GOOD
Upper Threshold (VSEN/DACOUT)
VSEN Rising
106
-
111
%
Lower Threshold (VSEN/DACOUT)
VSEN Falling
89
-
94
%
Hysteresis (VSEN/DACOUT)
Upper and Lower Threshold
-
2
-
%
PGOOD Voltage Low
VPGOOD
IPGOOD = -5mA
-
0.5
-
V
HIP6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com