Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6002 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6002
Description  Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6002 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6002 Datasheet HTML 1Page - Intersil Corporation HIP6002 Datasheet HTML 2Page - Intersil Corporation HIP6002 Datasheet HTML 3Page - Intersil Corporation HIP6002 Datasheet HTML 4Page - Intersil Corporation HIP6002 Datasheet HTML 5Page - Intersil Corporation HIP6002 Datasheet HTML 6Page - Intersil Corporation HIP6002 Datasheet HTML 7Page - Intersil Corporation HIP6002 Datasheet HTML 8Page - Intersil Corporation HIP6002 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
File Number
4270.2
HIP6002
Rectifier (PWM) Controller and Output
Voltage Monitor
The HIP6002 provides complete control and protection for a
DC-DC converter optimized for high-performance
microprocessor applications. It is designed to drive two
N-Channel MOSFETs in a synchronous-rectified buck
topology. The HIP6002 integrates all of the control, output
adjustment, monitoring and protection functions into a single
package.
The output voltage of the converter is easily adjusted and
precisely regulated. The HIP6002 includes a 4-Input
Digital-to-Analog Converter (DAC) that adjusts the output
voltage from 2.0VDC to 3.5VDC in 0.1V increments. The
precision reference and voltage-mode regulator hold the
selected output voltage to within
±1% over temperature and
line voltage variations.
The HIP6002 provides simple, single feedback loop, voltage-
mode control with fast transient response. It includes a
200kHz free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz. The error
amplifier features a 15MHz gain-bandwidth product and
6V/
µs slew rate which enables high converter bandwidth for
fast transient performance. The resulting PWM duty ratio
ranges from 0% to 100%.
The HIP6002 monitors the output voltage with a window
comparator that tracks the DAC output and issues a Power
Good signal when the output is within
±10%. The HIP6002
protects against over-current conditions by inhibiting PWM
operation. Built-in over-voltage protection triggers an
external SCR to crowbar the input supply. The HIP6002
monitors the current by using the rDS(ON) of the upper
MOSFET which eliminates the need for a current sensing
resistor.
Pinout
HIP6002 (SOIC)
TOP VIEW
Features
• Drives Two N-Channel MOSFETs
• Operates From +5V or +12V Input
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
-
±1% Over Line Voltage and Temperature
• 4-Bit Digital-to-Analog Output Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . .2.0VDC to 3.5VDC
- 0.1V Binary Steps
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
- Does Not Require Extra Current Sensing Element
- Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator Programmable from
50kHz to Over 1MHz
Applications
• Power Supply for Pentium®, Pentium Pro, PowerPC™ and
Alpha™ Microprocessors
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies
Alpha Micro™ is a trademark of Digital Computer Equipment Corporation.
Pentium® is a registered trademark of Intel Corporation.
PowerPC™ is a registered trademark of IBM.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VSEN
OCSET
SS
VID0
VID1
VID2
EN
VID3
COMP
FB
RT
VCC
LGATE
PGND
OVP
BOOT
UGATE
PHASE
PGOOD
GND
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP6002CB
0 to 70
20 Ld SOIC
M20.3
Data Sheet
March 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - HIP6002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6003CB INTERSIL-HIP6003CB Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
logo
Renesas Technology Corp
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1997 10
More results

Similar Description - HIP6002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1997 10
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1999 02
HIP6004D INTERSIL-HIP6004D Datasheet
202Kb / 11P
Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
2000 04
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2004 07
HIP6004A INTERSIL-HIP6004A_02 Datasheet
445Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
HIP6004E INTERSIL-HIP6004E Datasheet
499Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004A RENESAS-HIP6004A Datasheet
815Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com