Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG621 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG621
Description  Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 4 Page - Analog Devices

  ADG621 Datasheet HTML 1Page - Analog Devices ADG621 Datasheet HTML 2Page - Analog Devices ADG621 Datasheet HTML 3Page - Analog Devices ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 4 of 12
SINGLE SUPPLY1
VDD = 5 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
–40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
VDD = 4.5 V, VSS = 0 V
On Resistance, RON
7
Ω typ
VS = 0 V to 4.5 V, IS = –10 mA, see Figure 16
10
12.5
Ω max
On Resistance Match Between Channels, ∆RON
0.5
Ω typ
VS = 0 V to 4.5 V, IS = −10 mA
0.75
1
Ω max
On Resistance Flatness, RFLAT(ON)
0.5
0.5
Ω typ
VS = 1.5 V to 3.3 V, IS = −10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source Off Leakage IS (Off)
±0.01
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V, see Figure 17
±0.25
±1
nA max
Drain Off Leakage ID(Off)
±0.01
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V, see Figure 17
±0.25
±1
nA max
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = 1 V/4.5 V, see Figure 18
±0.25
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS2
tON
120
ns typ
RL = 300 Ω, CL = 35 pF; VS = 3.3 V, see Figure 19
210
260
ns max
tOFF
50
ns typ
RL = 300Ω, CL= 35pF; VS = 3.3 V, see Figure 19
75
100
ns max
Break-Before-Make Time Delay, tBBM (ADG623 Only)
70
ns typ
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 3.3 V
10
ns min
See
Figure 20
Charge Injection
6
pC typ
VS = 0 V; RS = 0 Ω, CL = 1 nF, see Figure 21
Off Isolation
–65
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 22
Channel-to-Channel Crosstalk
–90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 23
Bandwidth −3 dB
230
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 24
CS (Off)
20
pF typ
f = 1 MHz
CD (Off)
20
pF typ
f = 1 MHz
CD, CS (On)
70
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
1 Temperature range is as follows: B Version, –40°C to +85°C.
2 Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com