Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG621 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG621
Description  Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 1 Page - Analog Devices

  ADG621 Datasheet HTML 1Page - Analog Devices ADG621 Datasheet HTML 2Page - Analog Devices ADG621 Datasheet HTML 3Page - Analog Devices ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CMOS ±5 V/+5 V,
4 Ω Dual SPST Switches
ADG621/ADG622/ADG623
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for its use,norforanyinfringements ofpatents or other
rightsofthirdpartiesthat mayresult fromitsuse.Specificationssubjecttochangewithoutnotice. No
license isgranted by implication or otherwise under anypatent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2009 Analog Devices, Inc. All rights reserved.
FEATURES
5.5 Ω (maximum) on resistance
0.9 Ω (maximum) on resistance flatness
2.7 V to 5.5 V single supply
±2.7 V to ±5.5 V dual supply
Rail-to-rail operation
10-lead MSOP package
Typical power consumption (<0.01 µW)
TTL-/CMOS-compatible inputs
APPLICATIONS
Automatic test equipment
Power routing
Communication systems
Data acquisition systems
Sample-and-hold systems
Avionics
Relay replacements
Battery-powered systems
GENERAL DESCRIPTION
The ADG621/ADG622/ADG623 are monolithic, CMOS,
single-pole, single-throw (SPST) switches. Each switch of the
ADG621/ADG622/ADG623 conducts equally well in both
directions when on.
The ADG621/ADG622/ADG623 contain two independent
switches. The ADG621 and ADG622 differ only in that both
switches are normally open and normally closed. In the ADG623,
Switch 1 is normally open, and Switch 2 is normally closed. The
ADG623 exhibits break-before-make switching action.
The ADG621/ADG622/ADG623 offer low on resistance of
4 Ω, which is matched to within 0.25 Ω between channels.
These switches also provide low power dissipation yet give
high switching speeds. The ADG621/ADG622/ADG623 are
available in a 10-lead MSOP package.
FUNCTIONAL BLOCK DIAGRAMS
ADG621
IN1
D2
S2
S1
D1
IN2
NOTES
1. SWITCHES SHOWN FOR A LOGIC 0 INPUT
Figure 1.
ADG622
IN1
D2
S2
S1
D1
IN2
NOTES
1. SWITCHES SHOWN FOR A LOGIC 0 INPUT
Figure 2.
ADG623
IN1
D2
S2
S1
D1
IN2
NOTES
1. SWITCHES SHOWN FOR A LOGIC 0 INPUT
Figure 3.
PRODUCT HIGHLIGHTS
1. Low on resistance, RON (4 Ω typical).
2. Dual ±2.7 V to ±5.5 V or single +2.7 V to +5.5 V.
3. Low power dissipation; CMOS construction ensures low
power dissipation.
4. Tiny 10-lead MSOP package.


Similar Part No. - ADG621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621 AD-ADG621 Datasheet
141Kb / 12P
CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV.0
ADG621 AD-ADG621 Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG621BRM AD-ADG621BRM Datasheet
141Kb / 12P
CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV.0
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
More results

Similar Description - ADG621

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
SPST Switches
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
4ohm Dual SPST Switches
01-Aug-11
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Analog Devices
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
SPST Switches
logo
Vishay Siliconix
DG2537 VISHAY-DG2537_V01 Datasheet
178Kb / 10P
4 Ω Dual SPST Switches
01-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com