Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG621 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG621
Description  Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices ADG621 Datasheet HTML 10Page - Analog Devices ADG621 Datasheet HTML 11Page - Analog Devices ADG621 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 11 of 12
NETWORK
ANALYZER
VDD
VSS
0.1µF
0.1µF
VDD
VSS
IN
VIN
S
D
OFF ISOLATION = 20 LOG
VOUT
VS
GND
50
Ω
50
Ω
RL
50
Ω
VS
VOUT
Figure 22. Off Isolation
CHANNEL-TO-CHANNEL CROSSTALK = 20 LOG
NETWORK
ANALYZER
VDD
VSS
0.1µF
0.1µF
VDD
VSS
IN
VOUT
VS
GND
50
Ω
RL
50
Ω
VS
VOUT
D1
S1
S2
D2
R
50
Ω
R
50
Ω
Figure 23. Channel-to-Channel Crosstalk
NETWORK
ANALYZER
VDD
VSS
0.1µF
0.1µF
VDD
VSS
IN
VIN
S
D
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
GND
50
Ω
RL
50
Ω
VS
VOUT
Figure 24. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com