Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9010 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP9010
Description  Engine Knock Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9010 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP9010 Datasheet HTML 4Page - Intersil Corporation HIP9010 Datasheet HTML 5Page - Intersil Corporation HIP9010 Datasheet HTML 6Page - Intersil Corporation HIP9010 Datasheet HTML 7Page - Intersil Corporation HIP9010 Datasheet HTML 8Page - Intersil Corporation HIP9010 Datasheet HTML 9Page - Intersil Corporation HIP9010 Datasheet HTML 10Page - Intersil Corporation HIP9010 Datasheet HTML 11Page - Intersil Corporation HIP9010 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
4-10
The digital block diagram shows the programming flow of the
chip. An eight bit word is received at the MISO port. Data is
shifted in by the SCK clock when the chip is enabled by the
CS pin. The word is decoded by the address decoding
circuit, and the information is directed to one of 5 registers.
These registers control:
1. Reference knock filter frequency.
2. Knock filter frequency.
3. Balance control or attenuation of one channel with
respect to the other.
4. Integration time constant of the sum of the two channels.
5. One of 3 functions.
a) test conditions of the part.
b) channel select to one of two sensors.
c) channel to be attenuated.
A crystal oscillator circuit is provided. The chip requires a 4MHz
crystal to be connected across OSCIN and OSCOUT pins.
In the test mode, use the digital multiplexer to output one of
the following signals:
1. Contents of one of the five registers in the chip.
2. Inverted signal of the MOSI pin.
3. Voltage of an internal comparator used to rectify the
analog signal.
Upon power up, chip requires that the INT/HOLD pin is
toggled. If this is not done then it is important to note, that
only the first result and SPI data bytes sent after power up
will not be valid. Any subsequent chip operation will then be
performed correctly.
REFERENCE FILTER
KNOCK FILTER
BALANCE CONTROL
INTEGRATOR TIME CONSTANT
TEST/ CHANNEL SELECT ATTENUATE
OSCILLATOR
CIRCUIT
ADDRESS DECODER
MOSI
SCK
CS
MOSI
TEST
COMPARATOR OUT
MISO
OSCOUT
OSCIN
(FROM RECTIFIER PHASE
DETECTOR)
FIGURE 5. DIGITAL BLOCK DIAGRAM
TABLE 3. SPI TIMING REQUIREMENTS
DESCRIPTION
UNITS
T1 minimum time from CS falling edge to SCK falling edge.
10ns
T2 minimum time from CS falling edge to SCK rising edge.
80ns
T3 minimum time for the SCK low.
60ns
T4 minimum time for the SCK high.
60ns
T5 minimum time from SCK rise after 8 bits to CS rising edge.
80ns
T6 minimum time from data valid to rising edge of SCK.
60ns
T7 minimum time for data valid after the rising edge of the
SCK.
10ns
T8 minimum time after CS rises until INT/HOLD goes high.
8
µs
B7
B6
B5
B4
B3
B2
B1
B0
DATA IN
SCK
CS
T1
T2
T3
T4
T5
T6
T7
INT/HOLD
T8
FIGURE 6. SPI TIMING
HIP9010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com