Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9010 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP9010
Description  Engine Knock Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9010 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP9010 Datasheet HTML 1Page - Intersil Corporation HIP9010 Datasheet HTML 2Page - Intersil Corporation HIP9010 Datasheet HTML 3Page - Intersil Corporation HIP9010 Datasheet HTML 4Page - Intersil Corporation HIP9010 Datasheet HTML 5Page - Intersil Corporation HIP9010 Datasheet HTML 6Page - Intersil Corporation HIP9010 Datasheet HTML 7Page - Intersil Corporation HIP9010 Datasheet HTML 8Page - Intersil Corporation HIP9010 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4-1
HIP9010
Engine Knock Signal Processor
The HIP9010 is used to provide a method of detecting
premature detonation or “Knock” in automotive engines.
A block diagram of this IC is shown in Figure 1. The chip
alternately selects one of the two sensors mounted on the
engine block. Two programmable bandpass filters process
the signal from both sensors, and divides the signal into two
channels. When the engine is not knocking, programmable
gain adjust stages are set to ensure that both the reference
channel and the knock channel contain similar energies.
This technique ensures that the detection system is
comparatively immune to changes in the engine background
noise level. When the engine is knocking, the energy in the
knock channel increases.
Features
• Two Sensor Inputs
• Microprocessor Programmable
• Accurate and Stable Filter Elements
• Digitally Programmable Gain
• Digitally Programmable Time Constants
• Digitally Programmable Filter Characteristics
• On-Chip Clock
• Operating Temperature Range -40oC to 125oC
Applications
• Engine Knock Detector Processor
• Analog Signal Processing where Controllable Filter
Characteristics are Required
Pinout
HIP9010
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP9010AB
-40 to 125
20 Ld SOIC (W)
M20.3
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VDD
GND
VMID
INOUT
NC
NC
CS
INT/HOLD
OSCIN
OSCOUT
S0IN
S1FB
S1IN
NC
S0FB
NC
TEST
SCK
MOSI
MISO
Data Sheet
November 1998
File Number
3601.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP9010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011 Datasheet
76Kb / 11P
Engine Knock Signal Processor
1998 11
HIP9011 INTERSIL-HIP9011 Datasheet
245Kb / 11P
Engine Knock Signal Processor
January 6, 2006
HIP9011 INTERSIL-HIP9011 Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
logo
Renesas Technology Corp
HIP9011 RENESAS-HIP9011 Datasheet
537Kb / 11P
Engine Knock Signal Processor
logo
Intersil Corporation
HIP9011AB INTERSIL-HIP9011AB Datasheet
76Kb / 11P
Engine Knock Signal Processor
1998 11
More results

Similar Description - HIP9010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011 Datasheet
76Kb / 11P
Engine Knock Signal Processor
1998 11
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
Signal Processor
TLV5591 TI-TLV5591 Datasheet
54Kb / 4P
SEMICONDUCTOR SIGNAL PROCESSOR
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011_06 Datasheet
245Kb / 11P
Engine Knock Signal Processor
January 6, 2006
logo
BOSER Technology Co., L...
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
ULV Intel짰 Celeron짰 processor Embedded Engine Board
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
Eden processor Embedded Engine Board
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
ULV Intel짰 Celeron짰 Processor Embedded Engine Board
logo
Intersil Corporation
HIP9011ABT INTERSIL-HIP9011ABT Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
HIP9011ABZT INTERSIL-HIP9011ABZT Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
logo
Renesas Technology Corp
HIP9011 RENESAS-HIP9011 Datasheet
537Kb / 11P
Engine Knock Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com