Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9010 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP9010
Description  Engine Knock Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9010 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP9010 Datasheet HTML 1Page - Intersil Corporation HIP9010 Datasheet HTML 2Page - Intersil Corporation HIP9010 Datasheet HTML 3Page - Intersil Corporation HIP9010 Datasheet HTML 4Page - Intersil Corporation HIP9010 Datasheet HTML 5Page - Intersil Corporation HIP9010 Datasheet HTML 6Page - Intersil Corporation HIP9010 Datasheet HTML 7Page - Intersil Corporation HIP9010 Datasheet HTML 8Page - Intersil Corporation HIP9010 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
4-3
Absolute Maximum Ratings
Thermal Information
DC Logic Supply, VDD . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Output Voltage, VO . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V (Max)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
Maximum Storage Temperature Range, TSTG . . . . -65
oC to 150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Lead Temperature (Soldering) . . . . . . . . . . . . . . . 300oC
At distance 1/16in
± 1/32in (1.59mm ± 0.79mm) from case
for 10s (Max)
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications VDD = 5V, ±5%, GND = 0V, Clock Frequency 4MHz, ±0.5%, TA = -40oC to 125oC,
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Quiescent Supply Current
IDD
VDD = 5.25V, GND = 0V
3
7.5
12
mA
Midpoint Voltage, Pin 3
VMID
VDD = 5.0V, IL = 2mA Source
2.3
2.45
2.55
V
Midpoint Voltage, Pin 3
VMID
VDD = 5.0V, IL = 0mA
2.4
2.5
2.6
V
Input Leakage, Pin 14
ILTEST
Measured at VDD = 5.0V
-
-
3
µA
Internal Pull-Up Resistance, Pin 14
RTEST
VDD = 5.0V, I Measure = 15µA
30
100
200
K
Ω
Leakage of Pins 7, 8, 12 and 13
IL
Measured at GND and VDD = 5V
-
-
±3
µA
Low Input Voltage, Pins 7, 8, 12 and 13
VIL
-
-
30
% of VDD
High Input Voltage, Pins 7, 8, 12 and 13
VIH
70
-
-
% of VDD
Low Level Output, Pin 11
VOL
ISOURCE = 4mA
0.01
-
0.30
V
Leakage Pin 11
IL
Measured at GND and VDD = 5V
-
-
±10
µA
Low Level Output, Pin 10
VOL
ISOURCE = 500µA, VDD = 5V
-
-
1.5
V
High Level Output, Pin 10
VOH
ISINK = -500µA, VDD = 5V
4.4
-
-
V
INPUT AMPLIFIERS
S0FB and S1FB High Output Voltage
VOUTHI
100
µA ISINK, VDD = 5V
4.7
4.9
-
V
S0FB and S1FB Low Output Voltage
VOUTLO
100
µA ISOURCE, VDD = 5V
-
15
200
mV
S0FB and S1FB Closed Loop
ACL
Input Resistor = 1M
Ω,
Feedback Resistor = 49.9k
Ω
-25
-26
-27
dB
S0FB and S1FB Closed Loop
ACL
Input Resistor = 47.5k
Ω,
Feedback Resistor = 475k
Ω
18
20
21
dB
ANTIALIASING FILTER
Response 1kHz to 20kHz,
Referenced to 1kHz
BW
Test Mode, 70mVRMS Input to S0FB or
S1FB, Output Pin 4
--2-
dB
Attenuation at 180kHz
Referenced to 1kHz
ATEN
Test Mode, 70mVRMS Input to S0FB or
S1FB, Output Pin 4
-10
-15
-
dB
PROGRAMMABLE FILTERS
Peak to Peak Voltage Output
VOUTP-P
Run Mode
3.5
4.0
-
VP-P
Filters Q (Note 2)
Q
Run Mode
-
2.5
-
Q
PROGRAMMABLE GAIN AMPLIFIERS
Percent Amplifier Gain Deviation
Per Table 2
%G
Run Mode
-
±1-
%
HIP9010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com