Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50215VC Datasheet(PDF) 16 Page - Intersil Corporation

Part # HSP50215VC
Description  Digital UpConverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50215VC Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HSP50215VC Datasheet HTML 12Page - Intersil Corporation HSP50215VC Datasheet HTML 13Page - Intersil Corporation HSP50215VC Datasheet HTML 14Page - Intersil Corporation HSP50215VC Datasheet HTML 15Page - Intersil Corporation HSP50215VC Datasheet HTML 16Page - Intersil Corporation HSP50215VC Datasheet HTML 17Page - Intersil Corporation HSP50215VC Datasheet HTML 18Page - Intersil Corporation HSP50215VC Datasheet HTML 19Page - Intersil Corporation HSP50215VC Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
3-437
Configuration Control Register Bit Definitions
CONTROL ADDRESS 0: I CHANNEL INPUT
BIT
POSITION
FUNCTION
DESCRIPTION
15-0
I Channel QASK Input or
FM Input
IIN(15:0). In QASK mode, this is the I input vector. The format is 2’s complement. The MSB is bit 15.
The mixer operation is:
OUT = (I*COS) - (Q*SIN).
In FM mode, this is interpreted as an offset frequency to the center frequency. The modulation index
depends on the mode and the filter coefficients. In FM with post filter mode, the phase change per
input sample can range from -180 to 180 degrees, so the deviation is limited to
±(input sample rate)/2.
CONTROL ADDRESS 1: Q CHANNEL INPUT
BIT
POSITION
FUNCTION
DESCRIPTION
15-0
Q Channel Input
QIN(15:0). In QASK mode, this is the Q input vector. See address 0 above. In FM mode, this input is
not used.
CONTROL ADDRESS 2: TIMING NCO FREQUENCY MSBYTE CONTROL WORD
BIT
POSITION
FUNCTION
DESCRIPTION
15-14
Reserved (Note 1)
Reserved (Note 1).
13-0
Sample Rate Ratio’s
Most Significant 14 Bits
SR(29:16). The sample rate is controlled by a 30-bit NCO clocked at the output clock rate. The upper
MSByte of the sample rate ratio SR(29:0), or SR(29:16), is loaded in this address. The sample rate is
computed by the formula:
FRESAMP = SR(29:0) x fCLK x 2
-32; SR (29:0) = INT[(F
RESAMP/fCLK) X 2
32].
CONTROL ADDRESS 3: TIMING NCO FREQUENCY LSBYTE CONTROL WORD
BIT
POSITION
FUNCTION
DESCRIPTION
15-0
Sample Rate Ratio’s
Least Significant 16 Bits
SR(15:0). See Control Address 2. SR(15:0) is loaded in this address.
CONTROL ADDRESS 4: CARRIER CENTER FREQUENCY MSBYTE CONTROL WORD
BIT
POSITION
FUNCTION
DESCRIPTION
15-0
Carrier Center
Frequency’s Most
Significant 16 Bits
CF(31:16). The SIN/COS ROM is controlled by a 32-bit NCO clocked at the input clock rate. The upper
MSByte of the sample rate ratio CF(31:0), or CF(31:16), is loaded in this address. The center frequen-
cy is computed by the formula:
fC = CF(31:0) x fCLK x2
-32; CF(31:0) = INT(f
C/fCLK X2
32). Setting CW 4 and 5 to zero bypasses the
mixers (COS = 1; SIN = 0).
CONTROL ADDRESS 5: CARRIER CENTER FREQUENCY LSBYTE CONTROL WORD
BIT
POSITION
FUNCTION
DESCRIPTION
15-0
Carrier Center
Frequency’s Least
Significant 16 Bits
CF(15:0). See Control Address 4. CF(15:0) is loaded in this address. Setting CW 4 and 5 to zero by-
passes the mixers (COS = 1; SIN = 0).
CONTROL ADDRESS 16: MODULATION CONTROL
BIT
POSITION
FUNCTION
DESCRIPTION
15-4
Reserved (Note 1)
Reserved (Note 1).
3
Enable Output
EN OUT.
HSP50215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com