Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50215VC Datasheet(PDF) 21 Page - Intersil Corporation

Part # HSP50215VC
Description  Digital UpConverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50215VC Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HSP50215VC Datasheet HTML 13Page - Intersil Corporation HSP50215VC Datasheet HTML 14Page - Intersil Corporation HSP50215VC Datasheet HTML 15Page - Intersil Corporation HSP50215VC Datasheet HTML 16Page - Intersil Corporation HSP50215VC Datasheet HTML 17Page - Intersil Corporation HSP50215VC Datasheet HTML 18Page - Intersil Corporation HSP50215VC Datasheet HTML 19Page - Intersil Corporation HSP50215VC Datasheet HTML 20Page - Intersil Corporation HSP50215VC Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
3-442
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Waveforms
FIGURE 17. TIMING RELATIVE TO WR OR WITH CE
FIGURE 18. OUTPUT RISE AND FALL TIMES
NOTE: CASZ, OFM, OE are signals that must remain constant with
respect to REFCLK until the part is reset. In the write mode,
either CE or WR must be clocked while the other is tied low.
In read mode, either CE or RD must be clocked while the oth-
er is tied low. Never tie all three interface signals (CE, RD and
WR) low at the same time.
FIGURE 19. TIMING RELATIVE TO REFCLK
FIGURE 20. OUTPUT ENABLE/DISABLE
FIGURE 21. TIMING RELATIVE TO READ OR TO CE
WR OR-ED CE
A9-0
tAS
tAH
tWRH
tWRL
tWF
FIFORDY
tCS
tCH
C15-0
tRF
tRF
0.8V
2.0V
tDOC
REFCLK
CAS(15:0),
tDS
tDH
SYNCIN
tCL
tCH
tCP
SAMPCLK, SYNCOUT,
FIFORDY
tDO
OUT(15:0)
tRDO
C15-0
tROD
tRL
RD OR’ed CE
A9-0
tADO
1.7V
1.3V
1.5V
1.5V
tOE
tOD
OUT(15:0)
OE
HSP50215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com