Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3202 Datasheet(PDF) 3 Page - NEC

Part # UPC3202
Description  FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3202 Datasheet(HTML) 3 Page - NEC

  UPC3202 Datasheet HTML 1Page - NEC UPC3202 Datasheet HTML 2Page - NEC UPC3202 Datasheet HTML 3Page - NEC UPC3202 Datasheet HTML 4Page - NEC UPC3202 Datasheet HTML 5Page - NEC UPC3202 Datasheet HTML 6Page - NEC UPC3202 Datasheet HTML 7Page - NEC UPC3202 Datasheet HTML 8Page - NEC UPC3202 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet P12151EJ3V0DS00
3
µµµµPC3202GR
PIN EXPLANATION
Pin
No.
Symbol
Pin Voltage TYP.
above: VHF mode
below: UHF mode
Function and Explanation
Equivalent Circuit
5.00
1UOSC
collector
(Tr.1)
3.60
Collector pin of UHF oscillator.
Assemble LC resonator with 2 pin
through 1 pF capacitor to oscillate with
active feedback loop.
0.0
2UOSC
base
(Tr.2)
1.90
Base pin of UHF oscillator with balance
amplifier. Connected to LC resonator
through 360 pF feedback capacitor.
0.0
3UOSC
base
(Tr.1)
1.90
Base pin of UHF oscillator with balance
amplifier. Connected to LC resonator
through 360 pF feedback capacitor.
0.0
4UOSC
collector
(Tr.2)
and UB
5.00
Collector pin of UHF oscillator with
balance amplifier. Grounded through
6 pF capacitor.
Double balanced oscillator with transistor
1 and transistor 2.
And this pin is switch for VHF or UHF.
VHF operation = GND
UHF operation = 5.0 V
2
REG
4
1
3
0.0
5GND
0.0
GND pin for VHF and UHF oscillator
2.70
6OSC
output
2.35
VHF and UHF oscillator signal output pin.
In case of F/S tuner application,
connected PLL symthesizer IC’s input
pin.
from
OSC
6
1.95
7VOSC
base
(Tr.1)
0.0
Base pin of VHF oscillator.
Grounded through 10 pF capacitor.
1.95
8VOSC
base
(Tr.2)
0.0
Base pin of VHF oscillator.
Assemble LC resonator with 10 pin to
oscillate with active feedback loop.
3.60
9VOSC
collector
(Tr.2)
5.00
Collector pin of VHF oscillator.
Connected to LC resonator through 3
pF feedback capacitor.
7
9
8
5.00
10
Vcc
5.00
Power supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com