Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3202 Datasheet(PDF) 4 Page - NEC

Part # UPC3202
Description  FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3202 Datasheet(HTML) 4 Page - NEC

  UPC3202 Datasheet HTML 1Page - NEC UPC3202 Datasheet HTML 2Page - NEC UPC3202 Datasheet HTML 3Page - NEC UPC3202 Datasheet HTML 4Page - NEC UPC3202 Datasheet HTML 5Page - NEC UPC3202 Datasheet HTML 6Page - NEC UPC3202 Datasheet HTML 7Page - NEC UPC3202 Datasheet HTML 8Page - NEC UPC3202 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet P12151EJ3V0DS00
4
µµµµPC3202GR
Pin
No.
Symbol
Pin Voltage TYP.
above: VHF mode
below: UHF mode
Function and Explanation
Equivalent Circuit
2.55
11
IF
output
2.55
IF signal output pin for VHF and UHF
operation.
2.00
12
IF IN
2.00
IF signal input pins. Connected to Mixer
output pins through 1000 pF capacitors.
2.00
13
IF IN
2.00
12
11
13
5.00
14
MIX OUT
5.00
5.00
15
MIX OUT
5.00
VHF and UHF MIX output pins.
These pins should be equipped with tank
circuit to adjust intermediate frequency
2.80
16
VRF IN
(bypass)
2.85
Bypass pin for VHF MIX input.
Grounded through 1000 pF capacitor.
2.80
17
VRF IN
2.85
VHF RF signal input pin.
from
VHF
OSC
16
15
14
17
0.0
18
GND
0.0
GND pin of MIX, IF amplifier and
regulator.
2.85
19
URF IN
(bypass)
2.80
Bypass pin for UHF MIX input.
Grounded through 1000 pF capacitor.
2.85
20
URF IN
2.80
UHF RF signal input pin.
from
UHF
OSC
16
15
14
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com