Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3202 Datasheet(PDF) 8 Page - NEC

Part # UPC3202
Description  FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3202 Datasheet(HTML) 8 Page - NEC

Back Button UPC3202 Datasheet HTML 4Page - NEC UPC3202 Datasheet HTML 5Page - NEC UPC3202 Datasheet HTML 6Page - NEC UPC3202 Datasheet HTML 7Page - NEC UPC3202 Datasheet HTML 8Page - NEC UPC3202 Datasheet HTML 9Page - NEC UPC3202 Datasheet HTML 10Page - NEC UPC3202 Datasheet HTML 11Page - NEC UPC3202 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet P12151EJ3V0DS00
8
µµµµPC3202GR
STANDARD CHARACTERISTICS (VCC = 5 V)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–50
–40
–30
–20
–10
0
10
IM3
IM3
Pin - Input Power - dBm
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–50
–40
–30
–20
–10
0
10
Pin - Input Power - dBm
VHF
fRF1 = 470 MHz
fRF2 = 476 MHz
fOSC = 515 MHz
POSC = –10 dBm
TA = –20 ˚C
TA = 25 ˚C
TA = 80 ˚C
measurement
circuit 4
UHF
fRF1 = 800 MHz
fRF2 = 806 MHz
fOSC = 845 MHz
POSC = –10 dBm
TA = –20 ˚C
TA = 25 ˚C
TA = 80 ˚C
measurement
circuit 4
0
200
400
600
800
110
90
80
70
60
100
fRF vs. CM
fRF - Input Frequency - MHz
fundes = fRF + 6 MHz
fOSC = fRF + 45 MHz
PRF = –40 dBm
POSC = –10 dBm
measurement
circuit 4
TA = –20 ˚C
TA = 25 ˚C
TA = 80 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com