Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW011053 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASW011053
Description  HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW011053 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASW011053_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
2 - 18 GHz
Rev. V1
MASW-011053
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
5
Typical Performance Curves
Compression Power
IP3
IP2
Junction Temperature
20
40
60
80
100
120
140
10
15
20
25
30
35
5 mA
10 mA
20 mA
40 mA
CW Incident Power (dBm)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
10
15
20
25
30
35
5 mA
10 mA
20 mA
40 mA
CW Incident Power (dBm)
40
50
60
70
80
0
5
10
15
20
5 V @ +25°C
2 V @ +25°C
5 V @ +85°C
2 V @ +85°C
Frequency (GHz)
40
50
60
70
80
0
5
10
15
20
5 V @ +25°C
2 V @ +25°C
5 V @ +85°C
2 V @ +85°C
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com