Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW011053 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW011053
Description  HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW011053 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW011053_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
2 - 18 GHz
Rev. V1
MASW-011053
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
1
Features
 Broad Bandwidth Specified up to 18 GHz
 Usable up to 26 GHz
 Integrated Bias Network
 Low Insertion Loss / High Isolation
 Fully Monolithic
 Glass Encapsulate Construction
 RoHS Compliant* and 260°C Reflow Compatible
Description
The MASW-011053 device is a SP3T broad band
switch with integrated bias networks utilizing
MACOM’s patented HMIC (Heterolithic Microwave
Integrated Circuit) process. This process allows the
incorporation of silicon pedestals that form series
and shunt diodes or vias by imbedding them in low
loss, low dispersion glass. By using small spacing
between elements, this combination of silicon and
glass gives HMIC devices low loss and high isolation
performance with exceptional repeatability through
low millimeter frequencies. Large bond pads
facilitate the use of low inductance ribbon bonds,
while gold backside metallization allows for manual
or automatic chip bonding via 80/20 - Au/Sn,
62/36/2 - Sn/Pb/Ag solders or electrically conductive
silver epoxy.
Pin Configuration2
Pin
Function
J1
Antenna
J2
RFIN
J3
RFIN
J4
RFIN
J5
Bias of J2
J6
Bias of J3
J7
Bias of J4
J8
Bias of Antenna
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Ordering Information1
Part Number
Package
MASW-011053-47300G
Die in Gel Pack
MASW-011053-47300W
Die in Waffle Pack
1. Die quantity varies.
Functional Diagram
2. The exposed metallization on the chip bottom must be
connected to RF, DC and thermal ground.
J5
J6
L
C
SW1
SW2
J1
J4
J2
C
L
C
L
C
J8
J7
C
J3
SW3
C
C
L
C


Similar Part No. - MASW011053_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW011052 MA-COM-MASW011052_15 Datasheet
703Kb / 6P
HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
More results

Similar Description - MASW011053_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
784Kb / 6P
HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MASW-011052 MA-COM-MASW-011052 Datasheet
703Kb / 6P
HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
MASW-011053 MA-COM-MASW-011053 Datasheet
707Kb / 6P
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
MASW011052 MA-COM-MASW011052_15 Datasheet
703Kb / 6P
HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
MASW-011052 MA-COM-MASW-011052_15 Datasheet
703Kb / 6P
HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
MASW-011053 MA-COM-MASW-011053_15 Datasheet
707Kb / 6P
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1_16 Datasheet
702Kb / 7P
HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
MASW-006102-1361 MA-COM-MASW-006102-1361 Datasheet
696Kb / 6P
HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1_15 Datasheet
705Kb / 7P
HMIC Silicon PIN Diode Switches with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com